Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM56U Datasheet (PDF) - Texas Instruments

PCM56U Datasheet PDF - Texas Instruments
Part # PCM56U
Download  PCM56U Download
File Size   856.22 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER

PCM56U Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM56U Datasheet PDF - Texas Instruments

Part # PCM56U
Download  PCM56U Click to download

File Size   856.22 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER

PCM56U Datasheet (HTML) - Texas Instruments


PCM56U Product details

FEATURES
SERIAL INPUT
–92dB MAX THD: FS Input, K Grade
–74dB MAX THD: –20dB Input, K Grade
96dB DYNAMIC RANGE
NO EXTERNAL COMPONENTS REQUIRED
16-BIT RESOLUTION
15-BIT MONOTONICITY, TYP
0.001% OF FSR TYP DIFFERENTIAL
LINEARITY ERROR
1.5ms SETTLING TIME, TYP: Voltage Out
±3V OR ±1mA AUDIO OUTPUT
EIAJ STC-007-COMPATIBLE
OPERATES ON ±5V TO ±12V SUPPLIES
PINOUT ALLOWS IOUT OPTION
PLASTIC DIP OR SOIC PACKAGE

DESCRIPTION
The PCM56 is a state-of-the-art, fully monotonic,
digital-to-analog converter that is designed and
specified for digital audio applications. This device
employs ultra-stable nichrome (NiCr) thin-film
resistors to provide monotonicity, low distortion, and
low differential linearity error (especially around
bipolar zero) over long periods of time and over the
full operating temperature.
This converter is completely self-contained with a
stable, low noise, internal zener voltage reference;
high speed current switches; a resistor ladder network;
and a fast settling, low noise output operational
amplifier all on a single monolithic chip. The
converters are operated using two power supplies that
can range from ±5V to ±12V. Power dissipation with
±5V supplies is typically less than 200mW. Also
included is a provision for external adjustment of the
MSB error (differential linearity error at bipolar zero)
to further improve total harmonic distortion (THD)
specifications if desired. Few external components
are necessary for operation, and all critical
specifications are 100% tested. This helps assure the
user of high system reliability and outstanding overall
system performance.
The PCM56 is packaged in a high-quality 16-pin
molded plastic DIP package or SOIC and has passed
operating life tests under simultaneous high-pressure,
high-temperature, and high-humidity conditions.




Similar Part No. - PCM56U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM56U BURR-BROWN-PCM56U Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM56U TI1-PCM56U Datasheet
717Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
PCM56U/1K TI1-PCM56U/1K Datasheet
717Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
PCM56U/1KG4 TI1-PCM56U/1KG4 Datasheet
717Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
PCM56UG4 TI1-PCM56UG4 Datasheet
717Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - PCM56U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
PCM61P BURR-BROWN-PCM61P Datasheet
115Kb / 4P
Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com