Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN04050C Datasheet (PDF) - Texas Instruments

PTN04050C Datasheet PDF - Texas Instruments
Part # PTN04050C
Download  PTN04050C Download
File Size   786.4 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER

PTN04050C Datasheet (PDF)

Go To PDF Page Download Datasheet
PTN04050C Datasheet PDF - Texas Instruments

Part # PTN04050C
Download  PTN04050C Click to download

File Size   786.4 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER

PTN04050C Datasheet (HTML) - Texas Instruments


PTN04050C Product details

1FEATURES
• Up to 12 W Output Power
• Wide Input Voltage Range
(2.95 V to 5.5 V)
• Wide Output Voltage Adjust
(5 V to 15 V)
• High Efficiency (Up to 90%)
• Operating Temperature: –40°C to 85°C
• Surface Mount Package Available

APPLICATIONS
• Telecommunications, Instrumentation,
and General-Purpose Applications

DESCRIPTION
The PTN04050C is a 4-pin boost-voltage regulator product. In new designs it should be considered in place of
the PT5040 series of positive step-up products. The PTN04050C is smaller and lighter than its predecessors,
and has either similar or improved electrical performance characteristics. The case-less, double-sided package,
also exhibits improved thermal characteristics, and is compatible with TI's roadmap for RoHS and lead-free
compliance.
Operating over a 2.95V to 5.5V input range, the PTN04050C provides high-efficiency, step-up voltage conversion
for loads of up to 12W. The output voltage is set using a single external resistor. The PTN04050C may be set to
any value within the range, 5V to 15V. The output voltage of the PTN04050C can be as little as 0.5V higher than
the input, allowing an output voltage of 5V, with an input voltage of 4.5V.
The PTN04050C modules are suited to a wide variety of general-purpose applications that operate off 3.3-V or 5-
V dc power.




Similar Part No. - PTN04050C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050CAD TI1-PTN04050CAD Datasheet
646Kb / 19P
12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050CAH TI-PTN04050CAH Datasheet
1Mb / 17P
12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050CAH TI1-PTN04050CAH Datasheet
646Kb / 19P
12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050CAS TI-PTN04050CAS Datasheet
1Mb / 17P
12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
More results


Similar Description - PTN04050C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
logo
Texas Instruments
PT5540 TI-PT5540 Datasheet
195Kb / 8P
12-W 5-V Input Step-Up (Boost) Integrated Switching Regulator
PTN04050A TI-PTN04050A Datasheet
1Mb / 18P
6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
Texas Instruments
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com