Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5534A Datasheet (PDF) - Texas Instruments

SA5534A Datasheet PDF - Texas Instruments
Part # SA5534A
Download  SA5534A Download
File Size   866.22 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NE5534x, SA5534x Low-Noise Operational Amplifiers

SA5534A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5534A Datasheet PDF - Texas Instruments

Part # SA5534A
Download  SA5534A Click to download

File Size   866.22 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NE5534x, SA5534x Low-Noise Operational Amplifiers

SA5534A Datasheet (HTML) - Texas Instruments


SA5534A Product details

1 Features
1• Equivalent Input Noise Voltage
3.5 nV/√Hz Typ
• Unity-Gain Bandwidth 10 MHz Typ
• Common-Mode Rejection Ratio 100 dB Typ output•
High DC Voltage Gain 100 V/mV Typ
• Peak-to-Peak Output Voltage Swing 32 V Typ
With VCC± = ±18 V and RL = 600 Ω
• High Slew Rate 13 V/μs Typ
• Wide Supply-Voltage Range ±3 V to ±20 V
• Low Harmonic Distortion
• Offset Nulling Capability offset•
External Compensation Capability

2 Applications
• Audio Preamplifiers
• Servo Error Amplifiers
• Medical Equipment
• Telephone Channel Amplifiers

3 Description
The NE5534, NE5534A, SA5534, and SA5534A
devices are high-performance operational amplifiers
combining excellent dc and ac characteristics. Some
of the features include very low noise, high output-
drive capability, high unity-gain and maximum-output•
swing bandwidths, low distortion, and high slew rate.
These operational amplifiers are compensated
internally for a gain equal to or greater than three.
Optimization of the frequency response for various
applications can be obtained by use of an external
compensation capacitor between COMP and
COMP/BAL. The devices feature input-protection
diodes, output short-circuit protection, and offset•
voltage nulling capability with use of the BALANCE and COMP/BAL pins (see Figure 10).
For the NE5534A and SA5534A devices, a maximum
limit is specified for the equivalent input noise
voltage.




Similar Part No. - SA5534A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5534A PHILIPS-SA5534A Datasheet
109Kb / 8P
Dual and single low noise op amp
August 31, 1994
logo
Texas Instruments
SA5534A TI-SA5534A Datasheet
541Kb / 20P
Equivalent Input Noise Voltage
logo
NXP Semiconductors
SA5534AD PHILIPS-SA5534AD Datasheet
109Kb / 8P
Dual and single low noise op amp
August 31, 1994
logo
Texas Instruments
SA5534AD TI-SA5534AD Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
SA5534AD ONSEMI-SA5534AD Datasheet
165Kb / 10P
Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
More results


Similar Description - SA5534A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA4558XXX ROHM-BA4558XXX Datasheet
561Kb / 29P
Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com