Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVS883PWPR Datasheet (PDF) - Texas Instruments

SN65HVS883PWPR Datasheet PDF - Texas Instruments
Part # SN65HVS883PWPR
Download  SN65HVS883PWPR Download
File Size   965.54 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVS883 24 V, Eight-Channel Digital-Input Serializer

SN65HVS883PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVS883PWPR Datasheet PDF - Texas Instruments

Part # SN65HVS883PWPR
Download  SN65HVS883PWPR Click to download

File Size   965.54 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVS883 24 V, Eight-Channel Digital-Input Serializer

SN65HVS883PWPR Datasheet (HTML) - Texas Instruments


SN65HVS883PWPR Product details

1 Features
• Eight Sensor Inputs
– High Input Voltage up to 34 V
– Selectable Debounce Filters
From 0 ms to 3 ms
– Adjustable Current Limits
From 0.2 mA to 5.2 mA
– Field Inputs and Supply Lines Protected
to 15-kV HBM
• Output Drivers for External Status LEDs
• Cascadable for More Inputs in Multiples of Eight
• SPI-Compatible Interface
• Regulated 5-V Output for External Digital Isolator
• Low-Supply Voltage Indicator

2 Applications
• Sensor Inputs for Industrial Automation and
Process Control
– IEC61131-2 Type 1, 2, or 3 Switches
– EN60947-5-2 Proximity Switches
• High Channel Count Digital Input Modules for PC
and PLC Systems
• Decentralized I/O Modules

3 Description
The SN65HVS883 is a 24-V, eight-channel, digitalinput
serializer for high-channel density digital input
modules of PC and PLC-based systems in industrial
automation. In combination with galvanic isolators,
the device completes the interface between the 24-V
sensor outputs of the field-side and the low-voltage
controller inputs at the control-side. Input signals
provided by EN60947-5-2 compliant 2-wire and
3-wire proximity switches are current-limited and then
validated by internal debounce filters. The input
switching characteristic is in accordance with
IEC61131-2 for Type 1, 2, and 3 sensor switches.
Upon the application of load and clock signals, input
data is latched in parallel into the shift register and
afterwards clocked out serially via a subsequent
isolator into a serial PLC input.
Cascading of multiple SN65HVS883 is possible by
connecting the serial output of the leading device with
the serial input of the following device, enabling the
design of high-channel count input modules. Input
status is indicated via 3-mA constant current LED
outputs. An external precision resistor is required to
set the internal reference current. The integrated
voltage regulator provides a 5-V output to supply lowpower
isolators. An internal supply voltage monitor
provides a chip-okay (CHOK) indication.
The SN65HVS883 comes in a 28-pin PWP
PowerPAD™ package allowing for efficient heat
dissipation. The device is specified for operation at
temperatures from –40°C to 85°C.




Similar Part No. - SN65HVS883PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS883PWPR TI1-SN65HVS883PWPR Datasheet
596Kb / 28P
24 V, Eight-Channel Digital-Input Serializer
More results


Similar Description - SN65HVS883PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS885 TI1-SN65HVS885 Datasheet
828Kb / 21P
34 V, Digital-Input Serializer for 5V Systems
logo
Maxim Integrated Produc...
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
logo
Texas Instruments
SN65HVS885 TI1-SN65HVS885_15 Datasheet
1Mb / 28P
34-V Digital-Input Serializer
logo
Maxim Integrated Produc...
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
logo
Texas Instruments
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
24 V, Eight-Channel Digital-Input Serializer
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com