Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD047ADR Datasheet (PDF) - Texas Instruments

SN65MLVD047ADR Datasheet PDF - Texas Instruments
Part # SN65MLVD047ADR
Download  SN65MLVD047ADR Download
File Size   893.57 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver

SN65MLVD047ADR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD047ADR Datasheet PDF - Texas Instruments

Part # SN65MLVD047ADR
Download  SN65MLVD047ADR Click to download

File Size   893.57 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver

SN65MLVD047ADR Datasheet (HTML) - Texas Instruments


SN65MLVD047ADR Product details

1 Features
• Differential line drivers for 30Ω to 55Ω loads and
data rates1 up to 200Mbps, clock frequencies up to
100MHz
• Supports multipoint bus architectures
• Operates from a single 3.3V supply
• Characterized for operation from –40°C to 85°C
• 16-pin SOIC (JEDEC MS-012) and 16-pin TSSOP
(JEDEC MS-153) packaging

2 Applications
• AdvancedTCA™ (ATCA™) Clock Bus Driver
• Clock distribution
• Backplane or cabled multipoint data transmission
in telecommunications, automotive, industrial, and
other computer systems
• Cellular base stations
• Central-office and PBX switching
• Bridges and routers
• Low-power high-speed short-reach alternative to
TIA/EIA-485

3 Description
The SN65MLVD047A is a quadruple line driver that
complies with the TIA/EIA-899 standard, Electrical
Characteristics of Multipoint-Low-Voltage Differential
Signaling (M−LVDS). The output current of this
M−LVDS device has been increased, in comparison
to standard LVDS compliant devices, in order to
support doubly terminated transmission lines and
heavily loaded backplane bus applications. Backplane
applications generally require impedance matching
termination resistors at both ends of the bus. The
effective impedance of a doubly terminated bus can
be as low as 30Ω due to the bus terminations, as
well as the capacitive load of bus interface devices.
SN65MLVD047A drivers allow for operation with loads
as low as 30Ω. The SN65MLVD047A devices allow
for multiple drivers to be present on a single bus.
SN65MLVD047A drivers are high impedance when
disabled or unpowered. Driver edge rate control
is incorporated to support operation. The M−LVDS
standard allows up to 32 nodes (drivers and/or
receivers) to be connected to the same media in a
backplane when multiple bus stubs are expected from
the main transmission line to interface devices. The
SN65MLVD047A provides 9kV ESD protection on all
bus pins.




Similar Part No. - SN65MLVD047ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047ADR TI1-SN65MLVD047ADR Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047ADRG4 TI1-SN65MLVD047ADRG4 Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Similar Description - SN65MLVD047ADR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com