Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT2244APW Datasheet (PDF) - Texas Instruments

SN74ABT2244APW Datasheet PDF - Texas Instruments
Part # SN74ABT2244APW
Download  SN74ABT2244APW Download
File Size   978.22 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS

SN74ABT2244APW Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ABT2244APW Datasheet PDF - Texas Instruments

Part # SN74ABT2244APW
Download  SN74ABT2244APW Click to download

File Size   978.22 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS

SN74ABT2244APW Datasheet (HTML) - Texas Instruments


SN74ABT2244APW Product details

Output Ports Have Equivalent 25-W Series
Resistors, So No External Resistors Are
Required
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
High-Impedance State During Power Up
and Power Down
Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK),
Plastic (N) and Ceramic (J) DIPs, and
Ceramic Flat (W) Packages

description
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and
transmitters. Together with the SN54ABT2240,
SN74ABT2240A, and ’ABT2241, these devices
provide the choice of selected combinations of
inverting and noninverting outputs, symmetrical
active-low output-enable (OE) inputs, and
complementary OE and OE inputs. These devices
feature high fan-out and improved fan-in.
The outputs, which are designed to sink up to 12 mA, include equivalent 25-W series resistors to reduce
overshoot and undershoot.
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT2244A is characterized for operation over the full military temperature range of –55°C to 125°C.
The SN74ABT2244A is characterized for operation from –40°C to 85°C.




Similar Part No. - SN74ABT2244APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT2244APW TI-SN74ABT2244APW Datasheet
117Kb / 8P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74ABT2244APW TI1-SN74ABT2244APW Datasheet
1Mb / 20P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74ABT2244APWLE TI1-SN74ABT2244APWLE Datasheet
1Mb / 20P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74ABT2244APWR TI1-SN74ABT2244APWR Datasheet
1Mb / 20P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74ABT2244APWRG4 TI1-SN74ABT2244APWRG4 Datasheet
1Mb / 20P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ABT2244APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI-SN54ABT2244A Datasheet
117Kb / 8P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244 Datasheet
492Kb / 13P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2241 TI1-SN54ABT2241_16 Datasheet
1Mb / 17P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI1-SN54ABT2244A_16 Datasheet
1Mb / 20P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240 TI1-SN54BCT2240_15 Datasheet
252Kb / 11P
OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com