Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT540DBR Datasheet (PDF) - Texas Instruments

SN74ABT540DBR Datasheet PDF - Texas Instruments
Part # SN74ABT540DBR
Download  SN74ABT540DBR Download
File Size   818.44 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

SN74ABT540DBR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ABT540DBR Datasheet PDF - Texas Instruments

Part # SN74ABT540DBR
Download  SN74ABT540DBR Click to download

File Size   818.44 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

SN74ABT540DBR Datasheet (HTML) - Texas Instruments


SN74ABT540DBR Product details

State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
High-Drive Outputs (–32-mA IOH, 64-mA IOL)
Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK),
Plastic (N) and Ceramic (J) DIPs, and
Ceramic Flat (W) Package

description
The ’ABT540 octal buffers and line drivers are
ideal for driving bus lines or buffer memory
address registers. The devices feature inputs and
outputs on opposite sides of the package that
facilitate printed circuit board layout.
The 3-state control gate is a 2-input AND gate with
active-low inputs so that if either output-enable
(OE1 or OE2) input is high, all corresponding
outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT540 is characterized for operation over the full military temperature range of –55°C to 125°C. The
SN74ABT540 is characterized for operation from –40°C to 85°C.




Similar Part No. - SN74ABT540DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT540DBR TI-SN74ABT540DBR Datasheet
118Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT540DBR TI-SN74ABT540DBR Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT540DBR TI-SN74ABT540DBR Datasheet
275Kb / 9P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT540DBRE4 TI-SN74ABT540DBRE4 Datasheet
118Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT540DBRE4 TI-SN74ABT540DBRE4 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ABT540DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com