Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0130CS Datasheet (PDF) - ON Semiconductor

AR0130CS Datasheet PDF - ON Semiconductor
Part # AR0130CS_V01
Download  AR0130CS Download
File Size   445.12 Kbytes
Page   40 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1/3‐inch CMOS Digital Image Sensor

AR0130CS Datasheet (PDF)

Go To PDF Page Download Datasheet
AR0130CS Datasheet PDF - ON Semiconductor

Part # AR0130CS_V01
Download  AR0130CS Click to download

File Size   445.12 Kbytes
Page   40 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1/3‐inch CMOS Digital Image Sensor

AR0130CS Datasheet (HTML) - ON Semiconductor


AR0130CS Product details

Description
ON Semiconductor AR0130 is a 1/3−inch CMOS digital image sensor with an active−pixel array of 1280H x 960V. It captures images with a rolling−shutter readout. It includes sophisticated camera functions such as auto exposure control, windowing, and both video and single frame modes. It is programmable through a simple two−wire serial interface. The AR0130 produces extraordinarily clear, sharp digital pictures, and its ability to capture both continuous video and single frames makes it the perfect choice for a wide range of applications, including gaming systems, surveillance, and HD video.

Features
• Superior Low-light Performance Both in VGA Mode and HD Mode
• Excellent Near IR Performance
• HD Video (720p60)
• On-chip AE and Statistics Engine
• Auto Black Level Calibration
• Context Switching
• Progressive Scan
• Supports 2:1 Scaling
• Internal Master Clock Generated by On−chip Phase Locked Loop (PLL) Oscillator
• Parallel Output

Applications
• Gaming Systems
• Video Surveillance
• 720p60 Video Applications

GENERAL DESCRIPTION
The ON Semiconductor AR0130 can be operated in its default mode or programmed for frame size, exposure, gain, and other parameters. The default mode output is a 960p−resolution image at 45 frames per second (fps). It outputs 12−bit raw data over the parallel port. The device may be operated in video (master) mode or in single frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a synchronized pixel clock in parallel mode.
The AR0130 includes additional features to allow application−specific tuning: windowing and offset, adjustable auto−exposure control, and auto black level correction. Optional register information and histogram statistic information can be embedded in first and last 2 lines of the image frame.




Similar Part No. - AR0130CS_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0130CSSC00SPBA0-DP ONSEMI-AR0130CSSC00SPBA0-DP Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0130CSSC00SPBA0-DP1 ONSEMI-AR0130CSSC00SPBA0-DP1 Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
AR0130CSSC00SPBA0-DP1 ONSEMI-AR0130CSSC00SPBA0-DP1 Datasheet
389Kb / 39P
1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0130CSSC00SPBA0-DR ONSEMI-AR0130CSSC00SPBA0-DR Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0130CSSC00SPBA0-DR1 ONSEMI-AR0130CSSC00SPBA0-DR1 Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
More results


Similar Description - AR0130CS_V01

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com