Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS645N Datasheet (PDF) - Texas Instruments

SN74AS645N Datasheet PDF - Texas Instruments
Part # SN74AS645N
Download  SN74AS645N Download
File Size   796.92 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

SN74AS645N Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AS645N Datasheet PDF - Texas Instruments

Part # SN74AS645N
Download  SN74AS645N Click to download

File Size   796.92 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

SN74AS645N Datasheet (HTML) - Texas Instruments


SN74AS645N Product details

Bidirectional Bus Transceivers in
High-Density 20-Pin Packages
True Logic
3-State Outputs
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs

description
These octal bus transceivers are designed for
asynchronous two-way communication between
data buses. These devices transmit data from the
A bus to the B bus or from the B bus to the A bus,
depending on the level at the direction-control
(DIR) input. The output-enable (OE) input can be
used to disable the device so that the buses are
effectively isolated.
The -1 version of the SN74ALS645A is identical
to the standard version, except that the
recommended maximum IOL is increased to
48 mA. There is no -1 version of the
SN54ALS645A.
The SN54ALS645A and SN54AS645 are
characterized for operation over the full military
temperature range of –55°C to 125°C. The
SN74ALS645A and SN74AS645 are
characterized for operation from 0°C to 70°C.




Similar Part No. - SN74AS645N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS645N TI-SN74AS645N Datasheet
112Kb / 9P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AS645N TI1-SN74AS645N Datasheet
1Mb / 20P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AS645NE4 TI1-SN74AS645NE4 Datasheet
1Mb / 20P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN74AS645N

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com