Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G19 Datasheet (PDF) - Texas Instruments

SN74AUC1G19 Datasheet PDF - Texas Instruments
Part # SN74AUC1G19
Download  SN74AUC1G19 Download
File Size   914.72 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AUC1G19 1-of-2 Decoder/Demultiplexer

SN74AUC1G19 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUC1G19 Datasheet PDF - Texas Instruments

Part # SN74AUC1G19
Download  SN74AUC1G19 Click to download

File Size   914.72 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AUC1G19 1-of-2 Decoder/Demultiplexer

SN74AUC1G19 Datasheet (HTML) - Texas Instruments


SN74AUC1G19 Product details

1 Features
1• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
• Available in the Texas Instruments NanoFree™
Package
• Optimized for 1.8-V Operation and Is 3.6-V I/O
Tolerant to Support Mixed-Mode Signal Operation
• Ioff Supports Partial-Power-Down Mode Operation
• Sub-1-V Operable
• ±8-mA Output Drive at 1.8 V VCC
• Maximum tpd of 3 ns at 1.8 V
• Low Power Consumption, 10-μA Maximum ICC

2 Applications
• AV Receiver
• Audio Dock: Portable
• Blu-ray Player and Home Theater
• Embedded PC
• MP3 Player/Recorder (Portable Audio)
• Personal Digital Assistant (PDA)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid State Drive (SSD): Client and Enterprise
• TV: LCD/Digital and High-Definition (HDTV)
• Tablet: Enterprise
• Video Analytics: Server
• Wireless Headset, Keyboard, and Mouse

3 Description
This 1-of-2 decoder/demultiplexer is operational at
0.8-V to 2.7-V VCC, but is designed specifically for
1.65-V to 1.95-V VCC operation.
The SN74AUC1G19 is a 1-of-2
decoder/demultiplexer. This device buffers the data
on input A and passes it to the outputs Y0 (true) and
Y1 (complement) when the enable (E) input signal is
low.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
For more information about AUC Little Logic devices,
see Applications of Texas Instruments AUC Sub-1-V
Little Logic Devices, SCEA027.




Similar Part No. - SN74AUC1G19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
752Kb / 17P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19DBVR TI-SN74AUC1G19DBVR Datasheet
752Kb / 17P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19DBVRE4 TI-SN74AUC1G19DBVRE4 Datasheet
752Kb / 17P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19DBVRG4 TI-SN74AUC1G19DBVRG4 Datasheet
752Kb / 17P
1-OF-2 DECODER/DEMULTIPLEXER
More results


Similar Description - SN74AUC1G19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
1-OF-2 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
1-of-2 decoder/demultiplexer
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com