Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC253-EP Datasheet (PDF) - Texas Instruments

SN74HC253-EP Datasheet PDF - Texas Instruments
Part # SN74HC253-EP
Download  SN74HC253-EP Download
File Size   787.69 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER

SN74HC253-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HC253-EP Datasheet PDF - Texas Instruments

Part # SN74HC253-EP
Download  SN74HC253-EP Click to download

File Size   787.69 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER

SN74HC253-EP Datasheet (HTML) - Texas Instruments


SN74HC253-EP Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
−40°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
3-State Version of ’HC153
Wide Operating Voltage Range of 2 V to 6 V
High-Current Inverting Outputs Drive Up To
15 LSTTL Loads
Low Power Consumption, 80-μA Max ICC
Typical tpd = 9 ns
±6-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Permit Multiplexing From n Lines to One
Line
Perform Parallel-to-Serial Conversion

description/ordering information
Each data selector/multiplexer contains inverters and drivers to supply full binary decoding data selection to the
AND-OR gates. Separate output-control inputs are provided for each of the two 4-line sections.
The 3-state outputs can interface with and drive data lines of bus-organized systems. With all but one of the
common outputs disabled (in the high-impedance state), the low impedance of the single enabled output drives
the bus line to a high or low logic level. Each output has its own output-enable (OE) input. The outputs are
disabled when their respective OE is high.




Similar Part No. - SN74HC253-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-EP TI2-SN74HC253-EP Datasheet
798Kb / 19P
SN74HC253-Q1 Automotive Dual 4-Line To 1-Line Data Selector/Multiplexer With 3- State Outputs
REVISED JANUARY 2025
More results


Similar Description - SN74HC253-EP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS153 FAIRCHILD-DM74ALS153 Datasheet
66Kb / 6P
Dual 1-of-4 Line Data Selector/Multiplexer
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com