Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT595 Datasheet (PDF) - Texas Instruments

SN74HCT595 Datasheet PDF - Texas Instruments
Part # SN74HCT595
Download  SN74HCT595 Download
File Size   969.3 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HCT595 8-Bit Shift Registers with 3-State Output Registers

SN74HCT595 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HCT595 Datasheet PDF - Texas Instruments

Part # SN74HCT595
Download  SN74HCT595 Click to download

File Size   969.3 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HCT595 8-Bit Shift Registers with 3-State Output Registers

SN74HCT595 Datasheet (HTML) - Texas Instruments


SN74HCT595 Product details

1 Features
• LSTTL input logic compatible
– VIL(max) = 0.8 V, VIH(min) = 2 V
• CMOS input logic compatible
– II ≤ 1 μA at VOL, VOH
• 4.5 V to 5.5 V operation
• Supports fanout up to 10 LSTTL loads
• Shift register has direct clear
• Extended ambient temperature range: –40°C to
+125°C, TA

2 Applications
• Output expansion
• LED matrix control
• 7-segment display control
• 8-bit data storage

3 Description
The SN74HCT595 device contains an 8-bit, serial-in,
parallel-out shift register that feeds an 8-bit D-type
storage register. The storage register has parallel
3-state outputs. Separate clocks are provided for
both the shift and storage register. The shift register
has a direct overriding clear (SRCLR) input, serial
(SER) input, and a serial output (QH') for cascading.
When the output-enable (OE) input is high, the
storage register outputs are in a high-impedance
state. Internal register data and serial output (QH') are
not impacted by the operation of the OE input.




Similar Part No. - SN74HCT595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT595 TI-SN74HCT595 Datasheet
1Mb / 29P
SN74HCT595 8-Bit Shift Registers with 3-State Output Registers
SCLS880 ??OCTOBER 2021
SN74HCT595 TI-SN74HCT595 Datasheet
1Mb / 29P
SN74HCT595-Q1 Automotive 8-Bit Shift Registers with 3-State Output Registers
SCLS883 ??OCTOBER 2021
SN74HCT595 TI-SN74HCT595 Datasheet
1Mb / 26P
SN74HCT595 8-Bit Shift Registers with 3-State Output Registers
DECEMBER 2021
SN74HCT595 TI-SN74HCT595 Datasheet
1Mb / 26P
SN74HCT595-Q1 Automotive 8-Bit Shift Registers with 3-State Output Registers
DECEMBER 2021
SN74HCT595 TI2-SN74HCT595 Datasheet
971Kb / 26P
SN74HCT595-Q1 Automotive 8-Bit Shift Registers with 3-State Output Registers
REVISED DECEMBER 2021
More results


Similar Description - SN74HCT595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
SN74HCT595-Q1 TI-SN74HCT595-Q1 Datasheet
1Mb / 29P
SN74HCT595-Q1 Automotive 8-Bit Shift Registers with 3-State Output Registers
SCLS883 ??OCTOBER 2021
SN74HCT595 TI-SN74HCT595 Datasheet
1Mb / 29P
SN74HCT595 8-Bit Shift Registers with 3-State Output Registers
SCLS880 ??OCTOBER 2021
SN74HCT595-Q1 TI-SN74HCT595-Q1_V01 Datasheet
1Mb / 26P
SN74HCT595-Q1 Automotive 8-Bit Shift Registers with 3-State Output Registers
DECEMBER 2021
SN74HCT595 TI-SN74HCT595_V01 Datasheet
1Mb / 26P
SN74HCT595 8-Bit Shift Registers with 3-State Output Registers
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com