Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74173 Datasheet (PDF) - Texas Instruments

SN74173 Datasheet PDF - Texas Instruments
Part # SN74173
Download  SN74173 Download
File Size   966.44 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS

SN74173 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74173 Datasheet PDF - Texas Instruments

Part # SN74173
Download  SN74173 Click to download

File Size   966.44 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS

SN74173 Datasheet (HTML) - Texas Instruments


SN74173 Product details

3-State Outputs Interface Directly With
System Bus
Gated Output-Control LInes for Enabling or
Disabling the Outputs
Fully Independent Clock Virtually
Eliminates Restrictions for Operating in
One of Two Modes:
– Parallel Load
– Do Nothing (Hold)
For Application as Bus Buffer Registers
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Flat
(W) Packages, Ceramic Chip Carriers (FK),
and Standard Plastic (N) and Ceramic (J)
DIPs

description
The ’173 and ’LS173A 4-bit registers include
D-type flip-flops featuring totem-pole 3-state
outputs capable of driving highly capacitive
or relatively low-impedance loads. The
high-impedance third state and increased
high-logic-level drive provide these flip-flops with
the capability of being connected directly to and
driving the bus lines in a bus-organized system without need for interface or pull-up components. Up to 128 of
the SN74173 or SN74LS173A outputs can be connected to a common bus and still drive two Series 54/74 or
54LS/74LS TTL normalized loads, respectively. Similarly, up to 49 of the SN54173 or SN54LS173A outputs can
be connected to a common bus and drive one additional Series 54/74 or 54LS/74LS TTL normalized load,
respectively. To minimize the possibility that two outputs will attempt to take a common bus to opposite logic
levels, the output control circuitry is designed so that the average output disable times are shorter than the
average output enable times.
Gated enable inputs are provided on these devices for controlling the entry of data into the flip-flops. When both
data-enable (G1, G2) inputs are low, data at the D inputs are loaded into their respective flip-flops on the next
positive transition of the buffered clock input. Gate output-control (M, N) inputs also are provided. When both
are low, the normal logic states (high or low levels) of the four outputs are available for driving the loads or bus
lines. The outputs are disabled independently from the level of the clock by a high logic level at either
output-control input. The outputs then present a high impedance and neither load nor drive the bus line. Detailed
operation is given in the function table.
The SN54173 and SN54LS173A are characterized for operation over the full military temperature range of
–55°C to 125°C. The SN74173 and SN74LS173A are characterized for operation from 0°C to 70°C.




Similar Part No. - SN74173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74173 TI-SN74173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
SN74173N TI-SN74173N Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
SN74173N TI1-SN74173N Datasheet
497Kb / 20P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN74173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54173 TI-SN54173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
4-bit D-type Register (with 3-state Outputs)
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
8-bit Shift Registers with 3-state Outputs
logo
Texas Instruments
74LS672 TI-74LS672 Datasheet
330Kb / 9P
4-BIT UNIVERSAL SHIFT REGISTERS/LATCHES WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T_08 Datasheet
320Kb / 14P
8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT574T TI-CY54FCT574T Datasheet
313Kb / 12P
8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
4-bit D-type Register (with 3-state outputs)
logo
Texas Instruments
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com