Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1404YZPR Datasheet (PDF) - Texas Instruments

SN74LVC1404YZPR Datasheet PDF - Texas Instruments
Part # SN74LVC1404YZPR
Download  SN74LVC1404YZPR Download
File Size   990.39 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1404 Oscillator Driver for Crystal Oscillator or Ceramic Resonator

SN74LVC1404YZPR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1404YZPR Datasheet PDF - Texas Instruments

Part # SN74LVC1404YZPR
Download  SN74LVC1404YZPR Click to download

File Size   990.39 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1404 Oscillator Driver for Crystal Oscillator or Ceramic Resonator

SN74LVC1404YZPR Datasheet (HTML) - Texas Instruments


SN74LVC1404YZPR Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ package
• Supports 5-V VCC operation
• Inputs accept voltages to 5.5 V
• One buffered inverter with Schmitt-trigger input
and two unbuffered inverters
• Integrated solution for oscillator applications
• Suitable for commonly used clock frequencies:
– 15 kHz, 3.58 MHz, 4.43 MHz, 13 MHz,
25 MHz, 26 MHz, 27 MHz, 28 MHz
• Control input to disable the oscillator circuit
• Low power consumption (10-μA Max ICC) in
standby state
• ±24-mA Output Drive at 3.3 V
• Ioff supports live insertion, partial-power-down
mode, and back-drive protection
• Latch-up performance exceeds 100 mA
Per JESD 78, Class II
• ESD protection exceeds JESD 22
– 2000-V Human-body model (A114-A)
– 200-V Machine model (A115-A)
– 1000-V Charged-device model (C101)

2 Applications
• Servers
• PCs and notebooks
• Network switches
• Wearable health and fitness devices
• Telecom infrastructures
• Electronic points-of-sale

3 Description
The SN74LVC1404 device consists of one inverter
with a Schmitt-trigger input and two unbuffered
inverters. It is designed for 1.65-V to 5.5-V VCC
operation.




Similar Part No. - SN74LVC1404YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1404YZPR TI-SN74LVC1404YZPR Datasheet
309Kb / 16P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404YZPR TI-SN74LVC1404YZPR Datasheet
466Kb / 17P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404YZPR TI-SN74LVC1404YZPR Datasheet
565Kb / 18P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
More results


Similar Description - SN74LVC1404YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
Abracon Corporation
ASVK ABRACON-ASVK Datasheet
186Kb / 2P
CERAMIC SMD CRYSTAL OSCILLATOR
4.05.07
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1GX04 TI1-SN74LVC1GX04_06 Datasheet
718Kb / 19P
CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
Crystal Oscillator Driver
logo
ATMEL Corporation
8128B ATMEL-8128B Datasheet
147Kb / 5P
Typical Crystal/Resonator Oscillator
logo
NXP Semiconductors
68HC705C5 NXP-68HC705C5 Datasheet
4Mb / 74P
On-Chip Oscillator with Crystal/Ceramic Resonator
REV. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com