Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC1T45-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC1T45-Q1
Download  SN74LVC1T45-Q1 Download
File Size   946.02 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1T45-Q1 Automotive 1.65V to 5.5V Single-Bit Dual-Supply Level Shifter

SN74LVC1T45-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1T45-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC1T45-Q1
Download  SN74LVC1T45-Q1 Click to download

File Size   946.02 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1T45-Q1 Automotive 1.65V to 5.5V Single-Bit Dual-Supply Level Shifter

SN74LVC1T45-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC1T45-Q1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C3B
• Fully configurable dual-rail design allows each port
to operate over the full 1.65V to 5.5V power-supply
range
• VCC isolation feature – if either VCC input is at
GND, both ports are in the high-impedance state
• DIR input circuit referenced to VCCA
• ±24mA output drive at 3.3V
• Ioff supports partial-power-down mode operation
• Maximum data rates:
– 420Mbps (3.3V to 5V translation)
– 210Mbps (translate to 3.3V)
– 140Mbps (translate to 2.5V)
– 75Mbps (translate to 1.8V)

2 Applications
• Head units
• ADAS – cameras
• Telematics

3 Description
The SN74LVC1T45-Q1 device is a single-bit,
noninverting bus transceiver that uses two separate
configurable power supply rails. The A-port is
designed to track VCCA. VCCA accepts any supply
voltage from 1.65V to 5.5V. The B-port is designed
to track VCCB. VCCB accepts any supply voltage from
1.65V to 5.5V. This allows for universal low-voltage
bidirectional translation between any of the 1.8V, 2.5V,
3.3V, and 5V voltage nodes.
The SN74LVC1T45-Q1 device is a single-bit, noninverting
level translator. The fully configurable dualrail
design allows each port to overate over the full
1.65V to 5.5V power supply range. This device is
an excellent choice for applications that need a wide
bidirectional translation range.
The SN74LVC1T45-Q1 is designed so that the DIR
input is powered by VCCA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when it is powered down.
The VCC isolation feature is designed so that if either
VCC input is at GND, then both ports are in the highimpedance
state.




Similar Part No. - SN74LVC1T45-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
761Kb / 21P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI2-SN74LVC1T45-Q1 Datasheet
1Mb / 42P
SN74LVC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
REVISED JUNE 2024
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results


Similar Description - SN74LVC1T45-Q1

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A_14 Datasheet
2Mb / 9P
1.65v-3.6v, 16-bit Dual Supply Level Shifting
logo
Texas Instruments
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74LV1T34-Q1 TI-SN74LV1T34-Q1 Datasheet
935Kb / 22P
SN74LV1T34-Q1 Automotive Single Power Supply Single Buffer Logic Level Shifter
MAY 2022
SN74LXC1T45-Q1 TI-SN74LXC1T45-Q1 Datasheet
2Mb / 34P
SN74LXC1T45-Q1 Automotive Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
AUGUST 2022
SN74LV1T34-Q1 TI-SN74LV1T34-Q1_V01 Datasheet
938Kb / 23P
SN74LV1T34-Q1 Automotive Single Power Supply Single Buffer Logic Level Shifter
REVISED SEPTEMBER 2022
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1_V01 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED MAY 2022
SN74LXC1T45-Q1 TI-SN74LXC1T45-Q1_V01 Datasheet
2Mb / 36P
SN74LXC1T45-Q1 Automotive Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
AUGUST 2022
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1_V02 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED MAY 2022
SN74LV1T86-Q1 TI1-SN74LV1T86-Q1 Datasheet
1Mb / 25P
SN74LV1T86-Q1 Automotive Single Power Supply 2-Input Exclusive-OR Gate CMOS Logic Level Shifter
AUGUST 2023
SN74LV1T34-Q1 TI1-SN74LV1T34-Q1_V02 Datasheet
1Mb / 27P
SN74LV1T34-Q1 Automotive Single Power Supply Single Buffer Logic Level Shifter
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com