Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTVF16857 Datasheet (PDF) - Texas Instruments

SSTVF16857 Datasheet PDF - Texas Instruments
Part # SSTVF16857
Download  SSTVF16857 Download
File Size   932.66 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS

SSTVF16857 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSTVF16857 Datasheet PDF - Texas Instruments

Part # SSTVF16857
Download  SSTVF16857 Click to download

File Size   932.66 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS

SSTVF16857 Datasheet (HTML) - Texas Instruments


SSTVF16857 Product details

Member of the Texas Instruments
Widebus Family
Operates at 2.3 V to 2.7 V for PC1600,
PC2100, and PC2700; 2.5 V to 2.7 V for
PC3200
Pinout and Functionality Compatible With
JEDEC Standard SSTV16857
600 ps Faster (Simultaneous Switching)
Than JEDEC Standard SSTV16857 in
PC2700 DIMM Applications
Output Edge-Control Circuitry Minimizes
Switching Noise in Unterminated DIMM
Load
Outputs Meet SSTL_2 Class I
Specifications
Supports SSTL_2 Data Inputs
Differential Clock (CLK and CLK) Inputs
Supports LVCMOS Switching Levels on the
RESET Input
RESET Input Disables Differential Input
Receivers, Resets All Registers, and
Forces All Outputs Low
Flow-Through Architecture Optimizes PCB
Layout
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

description/ordering information
This 14-bit registered buffer is designed for 2.3-V to 2.7-V VCC operation.
All inputs are SSTL_2, except the LVCMOS reset (RESET) input. All outputs are edge-controlled circuits
optimized for unterminated DIMM loads and meet SSTL_2 Class I specifications.
The SN74SSTVF16857 operates from a differential clock (CLK and CLK). Data are registered at the crossing
of CLK going high and CLK going low.




Similar Part No. - SSTVF16857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16857 PHILIPS-SSTVF16857 Datasheet
117Kb / 13P
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
2003 Sep 19
SSTVF16857DGG PHILIPS-SSTVF16857DGG Datasheet
117Kb / 13P
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
2003 Sep 19
SSTVF16857DGV PHILIPS-SSTVF16857DGV Datasheet
117Kb / 13P
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
2003 Sep 19
SSTVF16857EV PHILIPS-SSTVF16857EV Datasheet
117Kb / 13P
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
2003 Sep 19
More results


Similar Description - SSTVF16857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTU32864C TI-SN74SSTU32864C Datasheet
304Kb / 18P
25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16857 TI1-SN74SSTVF16857_09 Datasheet
347Kb / 12P
14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com