Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2655 Datasheet (PDF) - Adafruit Industries

2655 Datasheet PDF - Adafruit Industries
Part # 2655
Download  2655 Download
File Size   86.02 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Glow in the Dark - 0.5 Kg

2655 Datasheet (PDF)

Go To PDF Page Download Datasheet
2655 Datasheet PDF - Adafruit Industries

Part # 2655
Download  2655 Click to download

File Size   86.02 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Glow in the Dark - 0.5 Kg

2655 Datasheet (HTML) - Adafruit Industries


2655 Product details

Features:
 Filament shore hardness of approximately 85A
 Consistent diameter and material properties provide reliable, high quality prints
 Patent pending technology allows for smooth feeding
 Low tack, low CoF exterior allows smooth feed through filament guides
 High elasticity and excellent abrasion resistance
 Excellent build platform adhesion and bonding between layers
 REACH and RoHS 2002/95/EC Directive Compliant
 1.75mm filament spool = .50 kg




Similar Part No. - 2655

ManufacturerPart #DatasheetDescription
logo
Heyco.
2655 HEYCO-2655 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
List of Unclassifed Man...
26550 ETC2-26550 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
logo
Weidmuller
2655070000 WEIDMULLER-2655070000 Datasheet
553Kb / 3P
CH20M17 FC TYL 2083
2655080000 WEIDMULLER-2655080000 Datasheet
549Kb / 4P
CH20M17 FC BK 2010
2655390000 WEIDMULLER-2655390000 Datasheet
576Kb / 8P
B2CF 3.50/04/180F SN BK BX LRP
More results


Similar Description - 2655

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N517 GILWAY-N517 Datasheet
84Kb / 1P
Neon Glow Lamps (High Brightness) with Dark Effect
logo
Grayhill, Inc
09A30-03-1-12N-F GRAYHILL-09A30-03-1-12N-F Datasheet
185Kb / 6P
0.5 Diameter, 1/4 Amp, Standard, Military SR13
logo
List of Unclassifed Man...
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
1.5 DIAMETER 0.5 AMP 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
1.5 DIAMETER 0.5 AMP 28 VDC
logo
LUMEX INC.
SSL-LX1847D4AD LUMEX-SSL-LX1847D4AD Datasheet
51Kb / 1P
1.75mm X 4mm Rectangular Arched LED
SSL-LX1847D4GD LUMEX-SSL-LX1847D4GD Datasheet
53Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4ID LUMEX-SSL-LX1847D4ID Datasheet
51Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4YD LUMEX-SSL-LX1847D4YD Datasheet
52Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
logo
PHOENIX CONTACT
ST-REL7-KG120 PHOENIX-ST-REL7-KG120 Datasheet
111Kb / 5P
The illustration shows version ST-REL 7-KG 24/21-21
logo
Grayhill, Inc
51M30-01-2-03N GRAYHILL-51M30-01-2-03N Datasheet
614Kb / 7P
0.5" Diameter, 200mA, .698" Behind Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com