Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN105125 Datasheet (PDF) - Texas Instruments

SN105125 Datasheet PDF - Texas Instruments
Part # SN105125
Download  SN105125 Download
File Size   799.85 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 150-mA LOW DROPOUT REGULATOR WITH POK

SN105125 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN105125 Datasheet PDF - Texas Instruments

Part # SN105125
Download  SN105125 Click to download

File Size   799.85 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 150-mA LOW DROPOUT REGULATOR WITH POK

SN105125 Datasheet (HTML) - Texas Instruments


SN105125 Product details

features
Low Dropout Voltage Regulator, 1.2-V
150-mA Load Current Capability
Power Okay (POK) Function
Load Independent, Low Ground
Current,150-μA
Current Limiting
Thermal Shutdown
Low Sleep State Current (Off Mode)
Fast Transient Response
Low Variation Due to Load and Line
Regulation
Output Stable With Low ESR Capacitors
TTL Logic Controlled Enable Input

applications
Processor Powerup Sequencing
Palmtop Computers, Laptops, and
Notebooks

description
The SN105125 is a low dropout voltage regulator with an output tolerance of ±2% over the operating range. The
device is optimized for low noise applications and has a low quiescent current (enable <0.8 V). The device has
a low dropout voltage at full load (150 mA). The power okay function monitors the output voltage and indicates
when an error occurs in the system (active low). In the event of an output fault such as overcurrent, thermal
shutdown, or dropout, the power okay output is pulled low (open drain).
The SN105125 has a fast transient response recovery capability in the event of load transition from heavy load
to light load. The device also minimizes overshoot during this condition. During power down, the output
capacitor and load are de-energized through the internal active shutdown clamp, which is turned on when the
device is disabled.
The SN105125 requires a small output capacitor for stability with low ESR. An input capacitor is not required
unless the bulk ac capacitor is placed away from the device or the power supply is a battery. In this situation,
a 1-μF capacitor is recommended for the application. Low ESR ceramic capacitors may be used with the device
to reduce board space in power applications, a key concern in hand-held wireless devices.




Similar Part No. - SN105125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN105125 TI-SN105125 Datasheet
201Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125DBVR TI1-SN105125DBVR Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125DBVRG4 TI1-SN105125DBVRG4 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
More results


Similar Description - SN105125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN105125 TI-SN105125 Datasheet
201Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
logo
Texas Instruments
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com