Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65220IDBVRQ1 Datasheet (PDF) - Texas Instruments

SN65220IDBVRQ1 Datasheet PDF - Texas Instruments
Part # SN65220IDBVRQ1
Download  SN65220IDBVRQ1 Download
File Size   835.47 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB PORT TRANSIENT SUPPRESSORS

SN65220IDBVRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65220IDBVRQ1 Datasheet PDF - Texas Instruments

Part # SN65220IDBVRQ1
Download  SN65220IDBVRQ1 Click to download

File Size   835.47 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB PORT TRANSIENT SUPPRESSORS

SN65220IDBVRQ1 Datasheet (HTML) - Texas Instruments


SN65220IDBVRQ1 Product details

FEATURES
Qualified for Automotive Applications
Design to Protect Submicron 3-V or 5-V
Circuits from Noise Transients
Port ESD Protection Capability Exceeds:
− 15-kV Human Body Model
− 2-kV Machine Model
Available in a WCSP Chip-Scale Package
Stand-Off Voltage . . . 6 V Min
Low Current Leakage . . . 1 μA Max at 6 V
Low Capacitance . . . 35 pF Typ

APPLICATIONS
USB 1.1 Host, Hub, or Peripheral Ports

DESCRIPTION
The SN65220 is a single transient voltage suppressor
designed to provide electrical noise transient protection to
universal serial bus (USB) 1.1 ports. Note that the input
capacitance of the device makes it unsuitable for
high-speed USB 2.0 applications.
Any cabled I/O can be subjected to electrical noise
transients from various sources. These noise transients
can cause damage to the USB transceiver and/or the USB
ASIC if they are of sufficient magnitude and duration.
USB ports are typically implemented in 3-V or 5-V digital
CMOS with limited ESD protection. The SN65220 can
significantly increase the port ESD protection level and
reduce the risk of damage to the circuits of the USB port.
The IEC1000-4-2 ESD performance of the SN65220 is
measured at the system level. Therefore, system design
impacts the results of these tests. A high compliance level
may be attained with proper board design and layout.




Similar Part No. - SN65220IDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65220IDBVRQ1 TI-SN65220IDBVRQ1 Datasheet
132Kb / 5P
USB PORT TRANSIENT SUPPRESSORS
More results


Similar Description - SN65220IDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
USB PORT TRANSIENT SUPPRESSORS
logo
Microsemi Corporation
1N6461 MICROSEMI-1N6461 Datasheet
63Kb / 2P
TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220_06 Datasheet
251Kb / 10P
USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
USB PORT TRANSIENT SUPPRESSORS
SN65220 TI-SN65220_07 Datasheet
415Kb / 12P
USB PORT TRANSIENT SUPPERSSORS
logo
Solid States Devices, I...
ST5KA5.0 SSDI-ST5KA5.0 Datasheet
318Kb / 2P
TRANSIENT SUPPRESSORS
logo
Digitron Semiconductors
1N6461 DIGITRON-1N6461 Datasheet
193Kb / 3P
TRANSIENT SUPPRESSORS
logo
Solid States Devices, I...
T00027 SSDI-T00027 Datasheet
318Kb / 2P
TRANSIENT SUPPRESSORS
T00027 SSDI-T00027_15 Datasheet
318Kb / 2P
TRANSIENT SUPPRESSORS
logo
TECH PUBLIC Electronics...
TPSN65220DBVR TECHPUBLIC-TPSN65220DBVR Datasheet
1Mb / 4P
USB PORT TRANSIENT SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com