Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5R3 Datasheet (PDF) - Texas Instruments

TB5R3 Datasheet PDF - Texas Instruments
Part # TB5R3
Download  TB5R3 Download
File Size   927.64 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL PECL RECEIVERS

TB5R3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TB5R3 Datasheet PDF - Texas Instruments

Part # TB5R3
Download  TB5R3 Click to download

File Size   927.64 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL PECL RECEIVERS

TB5R3 Datasheet (HTML) - Texas Instruments


TB5R3 Product details

1FEATURES
· Functional Replacement for the Agere BRF1A
· Pin Equivalent to General Trade 26LS32
· High Input Impedance Approximately 8 kΩ
· <2.6-ns Maximum Propagation Delay
· TB5R3 Provides 50-mV Hysteresis (Typical)
· -1.1-V to 7.1-V Common-Mode Input Voltage
Range
· Single 5-V ±10% Supply
· ESD Protection HBM > 3 kV and CDM > 2 kV
· Operating Temperature Range: -40°C to 85°C
· Available in Gull-Wing SOIC (JEDEC MS-013,
DW) and SOIC (D) Package

APPLICATIONS
· Digital Data or Clock Transmission Over
Balanced Lines

DESCRIPTION
These quad differential receivers accept digital data
over balanced transmission lines. They translate
differential input logic levels to TTL output logic levels.
The TB5R3 is a pin- and function-compatible
replacement for the Agere systems BRF1A; it
includes 3-kV HBM and 2-kV CDM ESD protection.
The power-down loading characteristics of the
receiver input circuit are approximately 8 kΩ relative
to the power supplies; hence they do not load the
transmission line when the circuit is powered down.
The packaging for this differential line receiver is a
16-pin gull wing SOIC (DW) or a 16 pin SOIC (D).
The enable inputs of this device include internal
pull-up resistors of approximately 40 kΩ that are
connected to VCC to ensure a logical high level input
if the inputs are open circuited.




Similar Part No. - TB5R3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3D TI-TB5R3D Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3DG4 TI-TB5R3DG4 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3DR TI-TB5R3DR Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3DRG4 TI-TB5R3DRG4 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
More results


Similar Description - TB5R3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
Quad Differential Receivers
logo
Texas Instruments
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Texas Instruments
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com