Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9406DCTR Datasheet (PDF) - Texas Instruments

TCA9406DCTR Datasheet PDF - Texas Instruments
Part # TCA9406DCTR
Download  TCA9406DCTR Download
File Size   861.17 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9406 2-Bit Bidirectional 1-MHz, I2C Bus and SMBus Voltage-Level Translator With 8-kV HBM ESD

TCA9406DCTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9406DCTR Datasheet PDF - Texas Instruments

Part # TCA9406DCTR
Download  TCA9406DCTR Click to download

File Size   861.17 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9406 2-Bit Bidirectional 1-MHz, I2C Bus and SMBus Voltage-Level Translator With 8-kV HBM ESD

TCA9406DCTR Datasheet (HTML) - Texas Instruments


TCA9406DCTR Product details

1 Features
1• 2-Bit Bidirectional Translator for SDA and SCL
Lines in I2C Applications
• Provides Bidirectional Voltage Translation With No
Direction Pin
• High-Impedance Output SCL_A, SDA_A, SCL_B,
SDA_B Pins When OE = Low or VCC = 0 V
• Internal 10-kΩ Pullup Resistor on All SDA and
SCL Pins
• 1.65 V to 3.6 V on A port and 2.3 V to 5.5 V on B
port (VCCA ≤ VCCB)
• VCC Isolation Feature: If Either VCC Input Is at
GND, Both Ports Are in the High-Impedance State
• No Power-Supply Sequencing Required: Either
VCCA or VCCB Can Be Ramped First
• Low Ioff of 2 μA When Either VCCA or VCCB = 0 V
• OE Input Can Be Tied Directly to VCCA Or
Controlled By GPIO
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– A Port
– 2500-V Human-Body Model (A114-B)
– 250-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)
– B Port
– 8-kV Human-Body Model (A114-B)
– 250-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)

2 Applications
• I2C/SMBus
• UART
• GPIO

3 Description
The TCA9406 is a 2-bit bidirectional I2C and SMBus
voltage-level translator with an output enable (OE)
input. It is operational from 1.65 V to 3.6 V on the Aside,
referenced toVCCA, and from 2.3 V to 5.5 V on
the B-side, referenced to VCCB. This allows the device
to interface between lower and higher logic signal
levels at any of the typical 1.8-V, 2.5-V, 3.3-V, and
5-V supply rails.
The OE input pin is referenced to VCCA, can be tied
directly to VCCA, but it is also 5.5-V tolerant. The OE
pin can also be controlled and set to a logic low to
place all the SCL and SDA pins in a high-impedance
state, which significantly reduces the quiescent
current consumption.
Under normal I2C and SMBus operation or other
open-drain configurations, the TCA9406 can support
up to 2 Mbps; therefore, it is compatible with standard
I2C speeds where the frequency of SCL is 100 kHz
(Standard-mode), 400 kHz (Fast-mode), or 1 MHz
(Fast-mode Plus). The device can also be used as a
general purpose level translator, and when the A- and
B-side ports are both driven with push-pull devices
the TCA9406 can support up to 24 Mbps.
The TCA9406 features internal 10-kΩ pullup resistors
on SCL_A, SDA_A, SCL_B, and SDA_B. Additional
external pullup resistors can be added to the bus to
reduce the total pullup resistance and speed up rising
edges.




Similar Part No. - TCA9406DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9406DCTR TI-TCA9406DCTR Datasheet
938Kb / 21P
2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
More results


Similar Description - TCA9406DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
TCA9406 TI-TCA9406 Datasheet
515Kb / 19P
2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR
TCA9406DCUR TI-TCA9406DCUR Datasheet
938Kb / 21P
2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406DCTR TI-TCA9406DCTR Datasheet
938Kb / 21P
2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com