Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1125 Datasheet (PDF) - Adafruit Industries

1125 Datasheet PDF - Adafruit Industries
Part # 1125
Download  1125 Download
File Size   104.12 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description In-line power switch for 2.1mm barrel jack

1125 Datasheet (PDF)

Go To PDF Page Download Datasheet
1125 Datasheet PDF - Adafruit Industries

Part # 1125
Download  1125 Click to download

File Size   104.12 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description In-line power switch for 2.1mm barrel jack

1125 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1125

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1125 3M-1125 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Heyco.
1125 HEYCO-1125 Datasheet
198Kb / 1P
Male/Female Combination Terminals - 20 Gauge
logo
Ashcroft, Inc.
1125 ASHCROFT-1125 Datasheet
306Kb / 5P
1125/1125A Differential Pressure Gauge
RevE_06-08-23
logo
CEE Norm UK Ltd
1125 CEENORM-1125 Datasheet
1Mb / 4P
Socket Outlets
logo
HellermannTyton.
1125-1-G HELLERMANNTYTON-1125-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results


Similar Description - 1125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P5167-0 ETC2-BU-P5167-0 Datasheet
194Kb / 1P
Banana Jack (In-Line)
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
logo
CUI INC
SR-2501 CUI-SR-2501 Datasheet
22Kb / 1P
IN-LINE STEREO JACK
logo
SparkFun Electronics
COM-11705 SPARKFUN-COM-11705 Datasheet
133Kb / 1P
Barrel Jack Power Switch - M-F (3")
8/3/2016
PRT-09518 SPARKFUN-PRT-09518 Datasheet
90Kb / 1P
9V to Barrel Jack Adapter
11/16/2015
PRT-10287 SPARKFUN-PRT-10287 Datasheet
90Kb / 1P
DC Barrel Jack Adapter - Male
8/5/2016
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
logo
STMicroelectronics
STELPD01 STMICROELECTRONICS-STELPD01 Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
logo
Coolgear Inc.
5VDCLB-1 COOLGEAR-5VDCLB-1 Datasheet
200Kb / 2P
5 Volt Output 2 amp Large Barrel Power Supply 2.1mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com