Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

369 Datasheet (PDF) - Adafruit Industries

369 Datasheet PDF - Adafruit Industries
Part # 369
Download  369 Download
File Size   186.78 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Male DC Power adapter - 2.1mm plug to screw terminal block

369 Datasheet (PDF)

Go To PDF Page Download Datasheet
369 Datasheet PDF - Adafruit Industries

Part # 369
Download  369 Click to download

File Size   186.78 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Male DC Power adapter - 2.1mm plug to screw terminal block

369 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 369

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
369 ETC2-369 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
369 ETC2-369 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
3M Electronics
369 3M-369 Datasheet
133Kb / 4P
3M??Tartan??Box Sealing Tape 369
logo
Littelfuse
369 LITTELFUSE-369 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
369 KEYSTONE-369 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results


Similar Description - 369

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG2Z OMRON-XG2Z Datasheet
380Kb / 13P
Screw Terminal Block Cables
logo
Tyco Electronics
C-284510 MACOM-C-284510 Datasheet
49Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
C-284511 MACOM-C-284511 Datasheet
53Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.81mm PITCH
logo
Pasternack Enterprises,...
PE9135 PASTERNACK-PE9135 Datasheet
253Kb / 3P
SMB Plug to BNC Male Adapter
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
SMC Plug to BNC Male Adapter
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
SMA Male to SMC Plug Adapter
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
logo
Omron Electronics LLC
C200HOD219 OMRON-C200HOD219 Datasheet
476Kb / 13P
Screw Terminal Block Cables
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com