Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDES9640 Datasheet (PDF) - Texas Instruments

TDES9640 Datasheet PDF - Texas Instruments
Part # TDES9640
Download  TDES9640 Download
File Size   980.23 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TDES9640 V3LinkTM Deserializer Hub With CSI-2 Output Ports for 8-MP Cameras and Other Sensors

TDES9640 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDES9640 Datasheet PDF - Texas Instruments

Part # TDES9640
Download  TDES9640 Click to download

File Size   980.23 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TDES9640 V3LinkTM Deserializer Hub With CSI-2 Output Ports for 8-MP Cameras and Other Sensors

TDES9640 Datasheet (HTML) - Texas Instruments


TDES9640 Product details

1 Features
• Quad 7.55 Gbps deserializer hub aggregates data
from up to 4 sensors simultaneously
– Supports 8MP+ imagers
– Single-ended coaxial or shielded twisted-pair
(STP) cable
– Power-over-coax (PoC) support
• Supports 3 data rates: 7.55 Gbps, 3.775 Gbps and
1.8875 Gbps
• CSI v2.1 compliant system interface
• Supports up to 2 MIPI CSI-2 output ports and 1
replication port
– CSI Port 0: MIPI CSI-2 output port
– CSI Port 1: MIPI CSI-2 output port
– CSI Port 2: replication port (D-PHY only)
– 16 Virtual channels and VC-ID remapping
– MIPI D-PHY and C-PHY configurable
• MIPI D-PHY v2.1 compatible
– Up to 4 data lanes with 2 clocks per port
– Up to 2.5 Gbps per lane, 10 Gbps per port
• MIPI C-PHY v1.1 compatible
– Up to 4 trios per port
– Up to 5.7 Gbps per trio, 22.8 Gbps per port
• Quad CMLOUT output ports for off-board
processing
– 4 x CMLOUT ports replicated from 4 x V3Link
RX ports
– Capable of driving another deserializer at the
same line rate
• 10 GPIO pins for sensor synchronization and
diagnostics
• Dual I2C ports
• Frozen frame detection
• Automatic receiver equalization
• Compatible with TSER9615, TSER953, and with
the TSER4905 (when used in Enhanced Vision
mode)
• Low power sleep mode with GPIO-state retention
• Wide temperature range: -20°C to 85°C

2 Applications
• Appliances
• Video Surveillance
• Elevators and Escalators
• Industrial Robots
• Machine Vision
• Patient Monitoring and Diagnostics
• Imaging

3 Description
The TDES9640 is a V3Link Enhanced Vision
deserializer that delivers robust ultra-high-speed 7.55
Gbps forward channel and 47.1875 Mbps bidirectional
control channel for connecting up to 4 data sensors
to the processing unit over a coaxial or STP cable.
When paired with the TSER9615 or the TSER4905
serializers, the TDES9640 receives video data from
image sensors or video sources supporting ultra-high
resolutions or multiple sensors in various topologies.
Data is received and aggregated into two MIPI
CSI-2 D-PHY or C-PHY outputs for interfacing with
a downstream processor. An additional CSI port is
used for port replication in D-PHY mode only. The
flexible MIPI CSI-2 outputs support multiple virtual
channels interleaving per port to differentiate multiple
sensors, exposures, and data types. This functionality
features video aggregation and replication modes and
supports input-to-output port as well as virtual channel
(VC-ID) remapping.
The TDES9640 supports advanced data protection
and diagnostic features, as well as multiple levels of
data integrity checking and protection in conjunction
with programmable health status interrupt, which
helps achieve robust sensor module and link
operation in the end application.




Similar Part No. - TDES9640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDES9640 TI1-TDES9640 Datasheet
1,015Kb / 8P
TDES9640 V3LinkTM Deserializer Hub With CSI-2 Output Ports for 8-MP Cameras and Other Sensors
REVISED NOVEMBER 2023
TDES9640RURR TI1-TDES9640RURR Datasheet
1,015Kb / 8P
TDES9640 V3LinkTM Deserializer Hub With CSI-2 Output Ports for 8-MP Cameras and Other Sensors
REVISED NOVEMBER 2023
TDES9640RURT TI1-TDES9640RURT Datasheet
1,015Kb / 8P
TDES9640 V3LinkTM Deserializer Hub With CSI-2 Output Ports for 8-MP Cameras and Other Sensors
REVISED NOVEMBER 2023
More results


Similar Description - TDES9640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1_17 Datasheet
883Kb / 12P
Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_18 Datasheet
378Kb / 9P
Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
DS90UB962-Q1 TI1-DS90UB962-Q1 Datasheet
2Mb / 169P
Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB953A-Q1 TI1-DS90UB953A-Q1 Datasheet
2Mb / 91P
125째C FPD-Link III 4.16-Gbps serializer with CSI-2 interface for 2.3MP/60fps cameras, radar, and other sensors
TDES954 TI-TDES954 Datasheet
4Mb / 162P
TDES954 Dual 4.16 Gbps V3Link Deserializer Hub With MIPI CSI-2 Interface for High Speed, High Resolution Cameras, RADAR, and Other Sensors
TSER953 TI-TSER953 Datasheet
3Mb / 83P
TSER953 4.16-Gbps V3Link Serializer With MIPI CSI-2 Interface for High-Speed, High-Resolution Cameras, RADAR, and Other Sensors
TDES960 TI-TDES960 Datasheet
3Mb / 172P
TDES960 Quad 4.16-Gbps V3Link Deserializer Hub With MIPI CSI-2 Interface for High Speed, High Resolution Cameras, RADAR, and Other Sensors
DS90UB635-Q1 TI-DS90UB635-Q1 Datasheet
2Mb / 83P
DS90UB635-Q1 FPD-Link III 4.16-Gbps Serializer With CSI-2 Interface for 2.3MP/60fps Cameras, RADAR, and Other Sensors
FEBRUARY 2023
TDES9640 TI1-TDES9640 Datasheet
1,015Kb / 8P
TDES9640 V3LinkTM Deserializer Hub With CSI-2 Output Ports for 8-MP Cameras and Other Sensors
REVISED NOVEMBER 2023
TSER9615 TI1-TSER9615 Datasheet
1Mb / 11P
TSER9615 V3LinkTM 7.55 Gbps Serializer MIPI CSI-2 Interface for High-Speed, High- Resolution Cameras, RADAR, and Other Sensors
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com