Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548M Datasheet (PDF) - Texas Instruments

TLV2548M Datasheet PDF - Texas Instruments
Part # TLV2548M
Download  TLV2548M Download
File Size   952.74 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN

TLV2548M Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2548M Datasheet PDF - Texas Instruments

Part # TLV2548M
Download  TLV2548M Click to download

File Size   952.74 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN

TLV2548M Datasheet (HTML) - Texas Instruments


TLV2548M Product details

1FEATURES
• Maximum Throughput 200-KSPS
• Built-In Reference, Conversion Clock and
8x FIFO
• Differential/Integral Nonlinearity Error: ±1.2
LSB
• Signal-to-Noise and Distortion Ratio: 70 dB,
f i = 12 kHz
• Spurious Free Dynamic Range: 75 dB,
f i = 12 kHz
• SPI (CPOL = 0, CPHA = 0)/DSP-Compatible
Serial Interfaces With SCLK up to 20 MHz
• Single Wide Range Supply 3.0 Vdc to 5.5 Vdc
• Analog Input Range 0 V to Supply Voltage
With 500-kHz BW
• Hardware Controlled and Programmable
Sampling Period
• Low Operating Current (1.0 mA at 3.3 V,
2.0 mA at 5.5 V With External Ref, 1.7-mA at
3.3V, 2.4-mA at 5.5-V With Internal Ref)
• Power Down: Software/Hardware
Power-Down Mode (1 μA Max, Ext Ref),
Autopower-Down Mode (1 μA, Ext Ref)
• Programmable Auto-Channel Sweep

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION
The TLV2548 is a high performance, 12-bit low-power, 3.86-μs, CMOS analog-to-digital converter (ADC) which
operates from a single 3.0-V to 5.5-V power supply. This device has three digital inputs and a 3-state output [chip
select (CS), serial input-output clock (SCLK), serial data input (SDI), and serial data output (SDO)] that provide a
direct 4-wire interface to the serial port of most popular host microprocessors (SPI interface). When interfaced
with a TI DSP, a frame sync (FS) signal is used to indicate the start of a serial data frame.
In addition to a high-speed A/D converter and versatile control capability, this device has an on-chip analog
multiplexer that can select any analog inputs or one of three internal self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK edge (normal sampling) or can be controlled by a special
pin, CSTART, to extend the sampling period (extended sampling). The normal sampling period can also be
programmed as short (12 SCLKs) or as long (24 SCLKs) to accommodate faster SCLK operation popular among
high-performance signal processors. The TLV2548 is designed to operate with very low power consumption. The
power-saving feature is further enhanced with software/hardware/autopower-down modes and programmable
conversion speeds. The conversion clock (OSC) and reference are built-in. The converter can use the external
SCLK as the source of the conversion clock to achieve higher (up to 2.8 μs when a 20-MHz SCLK is used)
conversion speed. Two different internal reference voltages are available. An optional external reference can also
be used to achieve maximum flexibility.
The TLV2548 is characterized for operation from –55°C to 125°C.




Similar Part No. - TLV2548M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2548M TI-TLV2548M Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2548M TI1-TLV2548M Datasheet
1Mb / 49P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548MFK TI-TLV2548MFK Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2548MFKB TI-TLV2548MFKB Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2548MPWREP TI1-TLV2548MPWREP Datasheet
1Mb / 38P
3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
More results


Similar Description - TLV2548M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com