Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV27L1IDR Datasheet (PDF) - Texas Instruments

TLV27L1IDR Datasheet PDF - Texas Instruments
Part # TLV27L1IDR
Download  TLV27L1IDR Download
File Size   905.92 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS

TLV27L1IDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV27L1IDR Datasheet PDF - Texas Instruments

Part # TLV27L1IDR
Download  TLV27L1IDR Click to download

File Size   905.92 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS

TLV27L1IDR Datasheet (HTML) - Texas Instruments


TLV27L1IDR Product details

FEATURES
BiMOS Rail-to-Rail Output
Input Bias Current . . . 1 pA
High Wide Bandwidth . . . 160 kHz
High Slew Rate . . . 0.1 V/μs
Supply Current . . . 7 μA (per channel)
Input Noise Voltage . . . 89 nV/√Hz
Supply Voltage Range . . . 2.7 V to 16 V
Specified Temperature Range
− −40°C to 125°C . . . Industrial Grade
− 0°C to 70°C . . . Commercial Grade
Ultra-Small Packaging
− 5 Pin SOT-23 (TLV27L1)

APPLICATIONS
Portable Medical
Power Monitoring
Low Power Security Detection Systems
Smoke Detectors

DESCRIPTION
The TLV27Lx single supply operational amplifiers
provide rail-to-rail output capability. The TLV27Lx takes
the minimum operating supply voltage down to 2.7 V
over the extended industrial temperature range, while
adding the rail-to-rail output swing feature. The
TLV27Lx also provides 160-kHz bandwidth from only
7 μA. The maximum recommended supply voltage is
16 V, which allows the devices to be operated from
(±8-V supplies down to ±1.35 V) two rechargeable cells.
The rail-to-rail outputs make the TLV27Lx good
upgrades for the TLC27Lx family—offering more
bandwidth at a lower quiescent current. The TLV27Lx
offset voltage is equal to that of the TLC27LxA variant.
Their cost effectiveness makes them a good alternative
to the TLC/V225x, where offset and noise are not of
premium importance.
The TLV27L1/2 are available in the commercial
temperature range to enable easy migration from the
equivalent TLC27Lx. The TLV27L1 is not available with
the power saving/performance boosting programmable
pin 8.
The TLV27L1 is available in the small SOT-23 package
—something the TLC27(L)1 was not—enabling
performance boosting in a smaller package. The
TLV27L2 is available in the 3mm x 5mm MSOP,
providing PCB area savings over the 8-pin SOIC and
8-pin TSSOP.




Similar Part No. - TLV27L1IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1IDR TI-TLV27L1IDR Datasheet
274Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV27L1IDR TI1-TLV27L1IDR Datasheet
831Kb / 22P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
More results


Similar Description - TLV27L1IDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
logo
Texas Instruments
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
Output rail-to-rail micropower operational amplifiers
09-Apr-2008
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
Output rail-to-rail micropower operational amplifiers
05-Mar-2009
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com