Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1420-12R Datasheet (PDF) - Sealevel Systems, Inc.

S1420-12R Datasheet PDF - Sealevel Systems, Inc.
Part # S1420-12R
Download  S1420-12R Download
File Size   262.51 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description SeaPAC-1420 12.1” Touchscreen Flat Panel Computer for Industrial Environments

S1420-12R Datasheet (PDF)

Go To PDF Page Download Datasheet
S1420-12R Datasheet PDF - Sealevel Systems, Inc.

Part # S1420-12R
Download  S1420-12R Click to download

File Size   262.51 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description SeaPAC-1420 12.1” Touchscreen Flat Panel Computer for Industrial Environments

S1420-12R Datasheet (HTML) - Sealevel Systems, Inc.


S1420-12R Product details

System Features Overview
• Bright 400 Nit 12.1″ TFT LCD
• Durable resistive touchscreen with RS-232 controller
• Designed for panel mount installation
• NEMA4/IP65 Protection from sprayed liquid, humidity and dust
• Silent solid-state design with no fans or other moving parts
• System includes 1.6GHz Intel Atom N450 processor and 2GB RAM
• Maximum 2GB DDR2 667MHz RAM, 200-pin SODIMM (2GB Installed)
• Solid-state operation using optional CompactFlash or Solid-State Disk
(SSD)
• CompactFlash module and 2.5″ drive bay are accessible without
opening the enclosure
• Integrated Intel Gen 3.5+ GFX Core graphics supports SXGA resolution
up to 1400×1050 @ 75Hz (Native LCD resolution of 800×600 @ 60Hz)
• RJ45 Modbus RTU RS-485 pass-through port (supports N-series SeaI/O
expansion modules)
• 2-position removable screw terminal for system power
• 4-position removable screw terminal for 2-wire RS-485 interface
• Includes desktop power supply (100-240VAC to 12VDC @ 4.0A 48W
max) with attached terminal block for computer and barrel connector
for flat panel monitor
• Wide temperature operation from 0 – 50C ambient




Similar Part No. - S1420-12R

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
S1420-10R SEALEVEL-S1420-10R Datasheet
266Kb / 2P
SeaPAC-1420 10.4” Touchscreen Flat Panel Computer for Industrial Environments
S1420-15R SEALEVEL-S1420-15R Datasheet
264Kb / 2P
SeaPAC-1420 15” Touchscreen Flat Panel Computer for Industrial Environments
S1420-17R SEALEVEL-S1420-17R Datasheet
270Kb / 2P
SeaPAC-1420 17” Touchscreen Flat Panel Computer for Industrial Environments
More results


Similar Description - S1420-12R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3120G ADVANTECH-FPM-3120G Datasheet
669Kb / 2P
12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
List of Unclassifed Man...
L1630P ETC2-L1630P Datasheet
523Kb / 4P
Tough enough for industrial environments.
logo
Axiomtek Co., Ltd.
P1127E-871 AXIOMTEK-P1127E-871_17 Datasheet
437Kb / 2P
12.1 XGA TFT Expandable Industrial Touch Panel Computer with 3rd Gen
logo
PHOENIX CONTACT
BL-FPM PHOENIX-BL-FPM Datasheet
243Kb / 5P
Flat-panel monitor for the industrial environment
2913015 PHOENIX-2913015 Datasheet
2Mb / 9P
Flat panel monitor for the industrial environment
logo
DFI Inc
TPC121 DFI-TPC121 Datasheet
2Mb / 4P
12.1 Heavy Industrial Touch Panel PC
logo
Weidmuller
2676470000 WEIDMULLER-2676470000 Datasheet
142Kb / 3P
Industrial Panel-PC, Display size 12.1
November 4, 2021
2676480000 WEIDMULLER-2676480000 Datasheet
142Kb / 3P
Industrial Panel-PC, Display size 12.1
November 4, 2021
2676510000 WEIDMULLER-2676510000 Datasheet
143Kb / 3P
Industrial Panel-PC, Display size 12.1
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com