Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40216 Datasheet (PDF) - Microsemi Corporation

ZL40216 Datasheet PDF - Microsemi Corporation
Part # ZL40216
Download  ZL40216 Download
File Size   491.74 Kbytes
Page   23 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 1:6 LVDS Fanout Buffer

ZL40216 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40216 Datasheet PDF - Microsemi Corporation

Part # ZL40216
Download  ZL40216 Click to download

File Size   491.74 Kbytes
Page   23 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 1:6 LVDS Fanout Buffer

ZL40216 Datasheet (HTML) - Microsemi Corporation


ZL40216 Product details

Features
Inputs/Outputs
•Accepts differential or single-ended input
• LVPECL, LVDS, CML, HCSL, LVCMOS
•Six precision LVDS outputs
•Operating frequency up to 750 MHz
Power
•Option for 2.5 V or 3.3 V power supply
•Current consumption of 93 mA
•On-chip Low Drop Out (LDO) Regulator for superior power supply noise rejection
Performance
•Ultra low additive jitter of 104 fs RMS
Applications
•General purpose clock distribution
•Low jitter clock trees
•Logic translation
•Clock and data signal restoration
•Wired communications: OTN, SONET/SDH, GE, 10 GE, FC and 10G FC
•PCI Express generation 1/2/3 clock distribution
•Wireless communications
•High performance microprocessor clock distribution




Similar Part No. - ZL40216

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40210 MICROSEMI-ZL40210 Datasheet
576Kb / 27P
Precision 2:8 LVPECL Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40210LDF1 MICROSEMI-ZL40210LDF1 Datasheet
576Kb / 27P
Precision 2:8 LVPECL Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40210LDG1 MICROSEMI-ZL40210LDG1 Datasheet
576Kb / 27P
Precision 2:8 LVPECL Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40212 MICROSEMI-ZL40212 Datasheet
475Kb / 22P
Precision 1:2 LVDS Fanout Buffer
April 2014
ZL40212LDF1 MICROSEMI-ZL40212LDF1 Datasheet
475Kb / 22P
Precision 1:2 LVDS Fanout Buffer
April 2014
More results


Similar Description - ZL40216

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer
SY89200U MICREL-SY89200U_10 Datasheet
493Kb / 11P
Ultra-Precision 1:8 LVDS Fanout Buffer
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer
logo
Integrated Device Techn...
8P34S2106 IDT-8P34S2106 Datasheet
423Kb / 20P
Dual 1:6 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106_17 Datasheet
577Kb / 25P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
8SLVD1212 IDT-8SLVD1212_17 Datasheet
500Kb / 20P
1:12, LVDS Output Fanout Buffer
logo
Renesas Technology Corp
8P34S2106 RENESAS-8P34S2106 Datasheet
1Mb / 26P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2106A RENESAS-8P34S2106A Datasheet
1Mb / 21P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
Mar 21, 2023
IDT8SLVD1208I RENESAS-IDT8SLVD1208I Datasheet
656Kb / 21P
1:8, LVDS Output Fanout Buffer
MAY 1, 2013
8P34S1106I RENESAS-8P34S1106I Datasheet
1Mb / 17P
1:6 LVDS Output 1.8V Fanout Buffer
February 6, 2023
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com