Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40217 Datasheet (PDF) - Microsemi Corporation

ZL40217 Datasheet PDF - Microsemi Corporation
Part # ZL40217
Download  ZL40217 Download
File Size   352.53 Kbytes
Page   23 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 1:6 LVDS Fanout Buffer with On-Chip Input Termination

ZL40217 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40217 Datasheet PDF - Microsemi Corporation

Part # ZL40217
Download  ZL40217 Click to download

File Size   352.53 Kbytes
Page   23 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 1:6 LVDS Fanout Buffer with On-Chip Input Termination

ZL40217 Datasheet (HTML) - Microsemi Corporation


ZL40217 Product details

Features
Inputs/Outputs
•Accepts differential or single-ended input
•LVPECL, LVDS, CML, HCSL, LVCMOS
•On-chip input termination and biasing for AC coupled inputs
•Six precision LVDS outputs
•Operating frequency up to 750 MHz
Power
•Option for 2.5 V or 3.3 V power supply
•Current consumption of 97 mA
•On-chip Low Drop Out (LDO) Regulator for superior power supply noise rejection
Performance
•Ultra low additive jitter of 135 fs RMS
Applications
•General purpose clock distribution
•Low jitter clock trees
•Logic translation
•Clock and data signal restoration
•Wired communications: OTN, SONET/SDH, GE, 10 GE, FC and 10G FC
•PCI Express generation 1/2/3 clock distribution
•Wireless communications
•High performance microprocessor clock distribution




Similar Part No. - ZL40217

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40210 MICROSEMI-ZL40210 Datasheet
576Kb / 27P
Precision 2:8 LVPECL Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40210LDF1 MICROSEMI-ZL40210LDF1 Datasheet
576Kb / 27P
Precision 2:8 LVPECL Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40210LDG1 MICROSEMI-ZL40210LDG1 Datasheet
576Kb / 27P
Precision 2:8 LVPECL Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40212 MICROSEMI-ZL40212 Datasheet
475Kb / 22P
Precision 1:2 LVDS Fanout Buffer
April 2014
ZL40212LDF1 MICROSEMI-ZL40212LDF1 Datasheet
475Kb / 22P
Precision 1:2 LVDS Fanout Buffer
April 2014
More results


Similar Description - ZL40217

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Microsemi Corporation
ZL40221 MICROSEMI-ZL40221 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com