Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3250 Datasheet (PDF) - Texas Instruments

TPA3250 Datasheet PDF - Texas Instruments
Part # TPA3250
Download  TPA3250 Download
File Size   866.35 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA3250 70-W Stereo, 130-W peak PurePath™ Ultra-HD Pad Down Class-D Amplifier

TPA3250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA3250 Datasheet PDF - Texas Instruments

Part # TPA3250
Download  TPA3250 Click to download

File Size   866.35 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA3250 70-W Stereo, 130-W peak PurePath™ Ultra-HD Pad Down Class-D Amplifier

TPA3250 Datasheet (HTML) - Texas Instruments


TPA3250 Product details

1 Features
1• Differential Analog Inputs
• Total Output Power at 10%THD+N
– 70-W Stereo Continuous into 8 Ω in BTL
Configuration at 32 V
– 130-W Stereo Peak into 4 Ω in BTL
Configuration at 32 V
• Total Output Power at 1%THD+N
– 60-W Stereo Continuous into 8 Ω in BTL
Configuration at 32 V
– 105-W Stereo Peak into 4 Ω in BTL
Configuration at 32 V
• Advanced Integrated Feedback Design with Highspeed
Gate Driver Error Correction
(PurePath™ Ultra-HD)
– Signal Bandwidth up to 100 kHz for High
Frequency Content From HD Sources
– Ultra Low 0.005% THD+N at 1 W into 4 Ω and
<0.01% THD+N to Clipping
– 60 dB PSRR (BTL, No Input Signal)
– <60 μV (A-Weighted) Output Noise
– >110 dB (A Weighted) SNR
• Multiple Configurations Possible:
– Stereo, Mono, 2.1 and 4xSE
• Click and Pop Free Startup and Stop
• 92% Efficient Class-D Operation (8 Ω)
• Wide 12-V to 36-V Supply Voltage Operation
• Self-Protection Design (Including Undervoltage,
Overtemperature, Clipping, and Short Circuit
Protection) With Error Reporting
• EMI Compliant When Used With Recommended
System Design

2 Applications
• High End Soundbar
• Mini Combo Systems
• Blu-ray Disk™ / DVD Receivers
• Active Speakers

3 Description
The TPA3250 device is a high performance class-D
power amplifier that enables true premium sound
quality with class-D efficiency. It features an
advanced integrated feedback design and proprietary
high-speed gate driver error correction (PurePath™
Ultra-HD). This technology allows ultra low distortion
across the audio band and superior audio quality.
With a 32V power supply the device can drive up to 2
x 130 W peak into 4-Ω load and 2 x 70 W continuous
into 8-Ω load and features a 2 VRMS analog input
interface that works seamlessly with high
performance DACs such as TI's PCM5242. In
addition to excellent audio performance, TPA3250
achieves both high power efficiency and very low
power stage idle losses below 1 W. This is achieved
through the use of 60 mΩ MOSFETs and an
optimized gate driver scheme that achieves
significantly lower idle losses than typical discrete
implementations.




Similar Part No. - TPA3250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI-TPA3250 Datasheet
1Mb / 46P
TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2DDW TI1-TPA3250D2DDW Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2DDW TI1-TPA3250D2DDW Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results


Similar Description - TPA3250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com