Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

215953 Datasheet (PDF) - Molex Electronics Ltd.

215953 Datasheet PDF - Molex Electronics Ltd.
Part # 215953
Download  215953 Download
File Size   98.77 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Connector Housings

215953 Datasheet (PDF)

Go To PDF Page Download Datasheet
215953 Datasheet PDF - Molex Electronics Ltd.

Part # 215953
Download  215953 Click to download

File Size   98.77 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Connector Housings

215953 Datasheet (HTML) - Molex Electronics Ltd.


215953 Product details

Product Description : Micro-Fit+ Plug Housing, Single Row, 2 Circuits, UL 94V-0, Free Hanging, Glow-Wire Capable, Black




Similar Part No. - 215953

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
215953 MOLEX-215953 Datasheet
105Kb / 3P
Connector Housings
Dec 24, 2023
2159530011 MOLEX-2159530011 Datasheet
74Kb / 3P
Hand Crimp Tool for Micro- Fit and Micro-Fit TPA Crimp Terminals, 26 AWG, UL1007 and UL1061 Wires
Jun 18, 2025
2159530011 MOLEX-2159530011 Datasheet
74Kb / 3P
Hand Crimp Tool for Micro- Fit and Micro-Fit TPA Crimp Terminals, 28 AWG, UL1007 and UL1061 Wires
Jun 18, 2025
2159530011 MOLEX-2159530011 Datasheet
74Kb / 3P
Hand Crimp Tool for Micro- Fit and Micro-Fit TPA Crimp Terminals, 30 AWG, UL1007 and UL1061 Wires
Jun 18, 2025
2159530012 MOLEX-2159530012 Datasheet
74Kb / 3P
Hand Crimp Tool for Micro- Fit and Micro-Fit TPA Crimp Terminals, 26 AWG, UL1007 and UL1061 Wires
Jun 18, 2025
More results


Similar Description - 215953

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E1341-01 HAMAMATSU-E1341-01 Datasheet
144Kb / 1P
Housings, Power and Signal Cables, Connector Adapters
logo
Weidmuller
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
Component Carriers and Housings
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
Component Carriers and Housings
logo
FCI connector
863005A FCI-CONNECTOR-863005A Datasheet
68Kb / 1P
MALE SCREW FOR HOUSINGS
logo
List of Unclassifed Man...
2114T ETC1-2114T Datasheet
174Kb / 3P
Crimp Housings
OPI1270-018 ETC2-OPI1270-018 Datasheet
104Kb / 2P
Opaque plastic housings
logo
SICK AG
BEF-SG-W16 SICK-BEF-SG-W16 Datasheet
367Kb / 4P
Protective housings
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
Universal electronics housings
2017-08-22
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com