Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6166A2YFFR Datasheet (PDF) - Texas Instruments

TPA6166A2YFFR Datasheet PDF - Texas Instruments
Part # TPA6166A2YFFR
Download  TPA6166A2YFFR Download
File Size   933.03 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA6166A2 3.5-mm Jack Detect and Headset Interface IC

TPA6166A2YFFR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA6166A2YFFR Datasheet PDF - Texas Instruments

Part # TPA6166A2YFFR
Download  TPA6166A2YFFR Click to download

File Size   933.03 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA6166A2 3.5-mm Jack Detect and Headset Interface IC

TPA6166A2YFFR Datasheet (HTML) - Texas Instruments


TPA6166A2YFFR Product details

1 Features
1• Ultra Low-Power, High-Performance DirectPath™
Class-G Headphone Amplifier
– Ground-Centered Output Eliminates DC-
Blocking Capacitors
– 30 mW/Ch into 32 Ω / Ch at 1% THD+N variable–
–42 dB to +6 dB Volume Control
– 2.0 μV Output Noise at –42 dB Gain
– 91-dB PSRR
– Ground Loop Rejection for Reducing Crosstalk
• Fully Differential Mic Preamplifier With Variable
Gain and 3.4-μV Low Noise
– Integrated AC-Coupling Capacitor
– Ground Loop Rejection for Reducing
Headphone to Mic Crosstalk DC•
Choice of Two Mic Bias Voltages: 2.0 V and 2.6 V
– 92-dB PSRR
– Integrated Programmable Mic Bias Resistor
• Advanced Accessory Insertion, Removal, and
Type Detection
• Passive Multi-button Support Using 10-Bit SAR
ADC
– Implements Proprietary Scheme to Reduce
Error Caused by Audio Playback Signal in
Presence of Finite Resistance on Headset
Ground Return Path
• Integrated Level-4 IEC ESD Protection on Jack
Connected Pins (on EVM)
• Ultra Low-Power Chip Shutdown Mode
• I2C Interface
• Short-Circuit Protection
• 0.4-mm Pitch 25-Ball WCSP

2 Applications
• Smart Phones and Wireless Handsets
• Portable Tablets
• Notebook PCs and Docking Stations

3 Description
The TPA6166A2 single-chip headset interface IC
simplifies the challenges of detecting what kind of
device an end user has plugged into the headphone
jack while delivering excellent audio quality. The
device enables smaller end products by integrating a
high-performance, low-power DirectPath variable–
attenuation class-G stereo headphone amplifier,
variable-gain microphone preamplifier with bias with
advanced accessory detection circuitry, all in a tiny
5-mm × 5-mm terminal, 0.4-mm pitch WCSP
package.
The class-G headphone amplifier maximizes battery
life by adjusting the supply voltage of the headphone
amplifier based on audio signal level. With 8-μV output noise at 0-dB gain and PSRR of 91 dB, the
headphone amplifier provides excellent audio
performance. DirectPath eliminates the need for DC•
blocking capacitors. The microphone preamplifier has
two programmable gains of 12 dB and 24 dB, and 3.4 μV input referred noise.
The microphone bias voltage has two programmable settings of 2 V and 2.6 V. The bias output drives up
to 1.2 mA of current, has a low output noise of 2 μV,
and 92-dB PSRR, providing excellent rejection of
power supply noise in wireless handsets.
The advanced accessory detection algorithm
automatically detects six supported accessories and
enables or disables internal components.




Similar Part No. - TPA6166A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6166A2YFFR TI1-TPA6166A2YFFR Datasheet
1Mb / 49P
3.5-mm Jack Detect and Headset Interface IC
More results


Similar Description - TPA6166A2YFFR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
3.5 MM AUDIO JACK
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
logo
ON Semiconductor
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
Headset Detection Interface Interface
June, 2014 ??Rev. 5
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
Headset Detection Interface Interface
June, 2014 ??Rev. 3
logo
Texas Instruments
TPA6166A2 TI1-TPA6166A2 Datasheet
1Mb / 49P
3.5-mm Jack Detect and Headset Interface IC
logo
CUI INC
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
3.5 MM AUDIO JACK
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
3.5 MM AUDIO JACK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com