Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S1394DQLR Datasheet (PDF) - Texas Instruments

TPD4S1394DQLR Datasheet PDF - Texas Instruments
Part # TPD4S1394DQLR
Download  TPD4S1394DQLR Download
File Size   868.62 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD4S1394 Firewire ESD Clamp With Live-Insertion Detection Circuit

TPD4S1394DQLR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4S1394DQLR Datasheet PDF - Texas Instruments

Part # TPD4S1394DQLR
Download  TPD4S1394DQLR Click to download

File Size   868.62 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD4S1394 Firewire ESD Clamp With Live-Insertion Detection Circuit

TPD4S1394DQLR Datasheet (HTML) - Texas Instruments


TPD4S1394DQLR Product details

1 Features
1• IEEE 1394 Live Insertion Detection
• ESD Protection Exceeds IEC61000-4-2 (Level 4)
– ±15-kV Human-Body Model (HBM)
– ±6-kV IEC 61000-4-2 Contact Discharge
• 4-Channel Matching ESD Clamps for High-Speed
Differential Lines
• Flow-Through, Single-in-Line Pin Mapping
Simplifies Board Layout
• Available in an 8-Pin X2SON (DQL) package

2 Applications
Firewire Interface

3 Description
The TPD4S1394 provides robust system level ESD
solution for the IEEE 1394 port, along with a live
insertion detection mechanism for high-speed lines
interfacing a low-voltage, ESD sensitive core chipset.
This device protects and monitors up to two
differential input pairs. The optimized line capacitance
protects the data lines with data rates in excess of
1.6 GHz without degrading signal integrity.
The TPD4S1394 incorporates a live insertion
detection circuit whose output state changes when
improper voltage levels are present on the input data
lines. The FWPWR_EN signal controls an external
FireWire port power switch. During the live insertion
event if there is a floating GND or a high level signal
at the D+ or D– pins, the internal comparator detects
the changes and pull the FWPWR_EN signal to a low
state. When FWPWR_EN is driven low, there is an
internal delay mechanism preventing it from being
driven to the high state regardless of the inputs to the
comparator.
Additionally, the TPD4S1394 performs ESD
protection on the four inputs pins: D1+, D1–, D2+,
and D2–. The TPD4S1394 conforms to the
IEC61000-4-2 (Level 4) ESD protection and ±15-kV
HBM ESD protection. The TPD4S1394 is
characterized for operation over ambient air
temperature of –40°C to 85°C.
A 0.1-μF decoupling capacitor is required at VCC.




Similar Part No. - TPD4S1394DQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S1394DQLR TI1-TPD4S1394DQLR Datasheet
534Kb / 10P
FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
More results


Similar Description - TPD4S1394DQLR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ABT22V10A5 PHILIPS-ABT22V10A5 Datasheet
302Kb / 18P
5V high-speed universal PLD device with live insertion capability
1999 Oct 27
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Texas Instruments
TPD4S1394 TI1-TPD4S1394 Datasheet
534Kb / 10P
FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
TPD4S1394 TI1-TPD4S1394_14 Datasheet
749Kb / 12P
ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
NXP Semiconductors
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com