Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD6F002-Q1 Datasheet (PDF) - Texas Instruments

TPD6F002-Q1 Datasheet PDF - Texas Instruments
Part # TPD6F002-Q1
Download  TPD6F002-Q1 Download
File Size   987.9 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD6F002-Q1 Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link

TPD6F002-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD6F002-Q1 Datasheet PDF - Texas Instruments

Part # TPD6F002-Q1
Download  TPD6F002-Q1 Click to download

File Size   987.9 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD6F002-Q1 Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link

TPD6F002-Q1 Datasheet (HTML) - Texas Instruments


TPD6F002-Q1 Product details

1 Features
1• AEC-Q101 Qualified
• Six-Channel EMI Filtering for Data Ports
– –47 dB Crosstalk Attenuation at 100 MHz
– –30 dB Insertion Loss at 800 MHz
– –3 dB Bandwidth 100 MHz
• Pi-Style (C-R-C) Filter Configuration
(R = 100 Ω, CTOTAL = 34 pF)
• Robust ESD Protection Exceeds IEC 61000-4-2
(Level 4)
– ±20-kV IEC 61000-4-2 Contact Discharge
– ±30-kV IEC 61000-4-2 Air-Gap Discharge
• Low Leakage Current 20 nA (Max)
• Space-Saving SON Package (3 mm × 1.35 mm)

2 Applications
• LCD Display Interface
• GPIO
• Memory Interface
• Data Lines at Flex Cable
• FPD-Link

3 Description
The TPD6F002-Q1 is a highly integrated device that
provides a six channel Electromagnetic Interference (EMI) filter and a TVS based ESD protection diode
array. The low-pass filter array suppresses EMI/RFI
emissions for data ports subject to electromagnetic
interference. The TVS diode array is rated to dissipate ESD strikes above the maximum level
specified in the IEC 61000-4-2 international standard.
The high level of integration, combined with its small
easy-to-route DSV package, allows this device to
provide great circuit protection for LCD displays,
memory interfaces, GPIO lines, and FPD-Link.




Similar Part No. - TPD6F002-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6F002-Q1 TI1-TPD6F002-Q1 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
TPD6F002-Q1 TI2-TPD6F002-Q1 Datasheet
982Kb / 18P
TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
REVISED MAY 2016
More results


Similar Description - TPD6F002-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3 Datasheet
140Kb / 8P
10 line EMI filter and ESD protection for LCD and cameras
11-Jul-2005
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3 Datasheet
287Kb / 8P
7-line IPAD?? EMI filter and ESD protection for LCD and cameras
28-Apr-2008
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3_08 Datasheet
168Kb / 8P
10-line IPAD, EMI filter and ESD protection for LCD and cameras
28-Apr-2008
logo
ON Semiconductor
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1442-06LP ONSEMI-CM1442-06LP Datasheet
1Mb / 10P
LCD and Camera EMI Filter Array with ESD Protection
March 2010 Rev. 3
CM1450 ONSEMI-CM1450 Datasheet
608Kb / 16P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
STMicroelectronics
EMIF02-MIC07F3 STMICROELECTRONICS-EMIF02-MIC07F3 Datasheet
283Kb / 8P
EMI filter and ESD protection
23-Sep-2011
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3_10 Datasheet
273Kb / 8P
7-line IPAD?? EMI filter and ESD protection for LCD and cameras
19-Feb-2010
logo
Texas Instruments
TPD6F002-Q1 TI1-TPD6F002-Q1 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com