Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2046BD Datasheet (PDF) - Texas Instruments

TPS2046BD Datasheet PDF - Texas Instruments
Part # TPS2046BD
Download  TPS2046BD Download
File Size   895.45 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES

TPS2046BD Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2046BD Datasheet PDF - Texas Instruments

Part # TPS2046BD
Download  TPS2046BD Click to download

File Size   895.45 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES

TPS2046BD Datasheet (HTML) - Texas Instruments


TPS2046BD Product details

FEATURES
· 70-mΩ High-Side MOSFET
· 250-mA Continuous Current
· Thermal and Short-Circuit Protection
· Accurate Current Limit (0.3 A min, 0.7 A max)
· Operating Range: 2.7 V to 5.5 V
· 0.6-ms Typical Rise Time
· Undervoltage Lockout
· Deglitched Fault Report (OC)
· No OC Glitch During Power Up
· Maximum Standby Supply Current:
1-μA (Single and Dual) or 2-μA (Triple)
· Bidirectional Switch
· Ambient Temperature Range: –40°C to 85°C
· ESD Protection
· UL Pending

APPLICATIONS
· Heavy Capacitive Loads
· Short-Circuit Protections

DESCRIPTION
The TPS204xB/TPS2055B power-distribution switches are intended for applications where heavy capacitive
loads and short circuits are likely to be encountered. These devices incorporate 70-mΩ N-channel MOSFET
power switches for power-distribution systems that require multiple power switches in a single package. Each
switch is controlled by a logic-enable input. Gate drive is provided by an internal charge pump designed to
control the power-switch rise times and fall times to minimize current surges during switching. The charge pump
requires no external components and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the device limits the output current
to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low. When
continuous heavy overloads and short-circuits increase the power dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a thermal
shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures that the switch remains
off until valid input voltage is present. This power-distribution switch is designed to set current limit at 0.5 A
typically.




Similar Part No. - TPS2046BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2046BD TI1-TPS2046BD Datasheet
881Kb / 29P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2046BDG4 TI1-TPS2046BDG4 Datasheet
881Kb / 29P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2046BDR TI1-TPS2046BDR Datasheet
881Kb / 29P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2046BDRG4 TI1-TPS2046BDRG4 Datasheet
881Kb / 29P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results


Similar Description - TPS2046BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com