Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2350 Datasheet (PDF) - Texas Instruments

TPS2350 Datasheet PDF - Texas Instruments
Part # TPS2350
Download  TPS2350 Download
File Size   783.57 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Hot Swap Power Manager for Redundant –48-V Supplies

TPS2350 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2350 Datasheet PDF - Texas Instruments

Part # TPS2350
Download  TPS2350 Click to download

File Size   783.57 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Hot Swap Power Manager for Redundant –48-V Supplies

TPS2350 Datasheet (HTML) - Texas Instruments


TPS2350 Product details

1FEATURES
• Replaces OR-ing Diodes
• Operating Supply Range of –12 V to –80 V
• Withstands Transients to –100 V
• Programmable Current Limit
• Programmable Linear Inrush Slew Rate
• Programmable UV/OV Thresholds
• Programmable UV and OV Hysteresis
• Fault Timer to Eliminate Nuisance Trips
• Power Good and Fault Outputs
• 14-Pin SOIC and TSSOP Package

APPLICATIONS
• –48-V Distributed Power Systems
• Central Office Switching
• ONET
• Base Stations

DESCRIPTION
The TPS2350 is a hot swap power manager optimized for replacing OR-ing diodes in redundant
power –48-V systems. The TPS2350 operates with
supply voltages from –12 V to –80 V, and withstands
spikes to –100 V.
The TPS2350 uses two power FETs as low voltage
drop diodes to efficiently select between two redundant power supplies. This minimizes system
power dissipation and also minimizes voltage drop
through the power management chain.
The TPS2350 also uses a third power FET to provide
load current slew rate control and peak current
limiting that is programmed by one resistor and one
capacitor. The device also provides a power good output to enable down-stream power converters and
a fault output to indicate load problems.




Similar Part No. - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350 TI1-TPS2350 Datasheet
1Mb / 27P
Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350D TI-TPS2350D Datasheet
368Kb / 21P
HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350D TI1-TPS2350D Datasheet
1Mb / 27P
Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350DG4 TI1-TPS2350DG4 Datasheet
1Mb / 27P
Hot Swap Power Manager for Redundant ??8-V Supplies
More results


Similar Description - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
??V to ??5V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
-48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
??8-V Hot Swap Power Manager
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
-48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com