Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79133DBVRG4 Datasheet (PDF) - Texas Instruments

TPS79133DBVRG4 Datasheet PDF - Texas Instruments
Part # TPS79133DBVRG4
Download  TPS79133DBVRG4 Download
File Size   984.79 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators

TPS79133DBVRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS79133DBVRG4 Datasheet PDF - Texas Instruments

Part # TPS79133DBVRG4
Download  TPS79133DBVRG4 Click to download

File Size   984.79 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators

TPS79133DBVRG4 Datasheet (HTML) - Texas Instruments


TPS79133DBVRG4 Product details

1 Features
1• 100-mA Low-Dropout Regulator With EN
• Available in 1.8-V, 3.3-V, 4.7-V, and Adj.
• High PSRR (70 dB at 10 kHz)
• Ultralow Noise (15 μVRMS)
• Fast Start-Up Time (63 μs)
• Stable With Any 1-μF Ceramic Capacitor
• Excellent Load, Line Transient
• Very Low Dropout Voltage (38 mV at Full Load,
TPS79147)
• 5-Pin SOT23 (DBV) Package
• TPS792xx Provides EN Options

2 Applications
• Powering VCOs and PLLs
• Bluetooth and Wireless LAN
• Portable and Battery Operated

3 Description
The TPS791 device is a low-dropout (LDO) lowpower
linear voltage regulator that features high
power-supply rejection ratio (PSRR), ultralow noise,
fast start-up, and excellent line and load transient
responses in a small outline, SOT23 package. The
device is stable, with a small 1-μF ceramic capacitor
on the output. The TPS791 uses an advanced,
proprietary BiCMOS fabrication process to yield
extremely low dropout voltages (for example, 38 mV
at 100 mA, TPS79147). This device achieves fast
start-up times (approximately 63 μs with a 0.001-μF
bypass capacitor) while consuming very low
quiescent current (170 μA typical). Moreover, when
the device is placed in standby mode, the supply
current is reduced to less than 1 μA. The TPS79118
exhibits approximately 15 μVRMS of output voltage
noise with a 0.1-μF bypass capacitor. Applications
with analog components that are noise sensitive,
such as portable RF electronics, benefit from the high
PSRR and low noise features as well as the fast
response time.




Similar Part No. - TPS79133DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79133DBVRG4 TI-TPS79133DBVRG4 Datasheet
884Kb / 21P
ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
TPS79133DBVRG4 TI1-TPS79133DBVRG4 Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133DBVRG4Q1 TI1-TPS79133DBVRG4Q1 Datasheet
425Kb / 19P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS79133DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79101 TI-TPS79101 Datasheet
199Kb / 15P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79230DBVRG4 TI-TPS79230DBVRG4 Datasheet
472Kb / 19P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1_16 Datasheet
902Kb / 21P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com