Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73001DBVR.A Datasheet (PDF) - Texas Instruments

TPS73001DBVR.A Datasheet PDF - Texas Instruments
Part # TPS73001DBVR.A
Download  TPS73001DBVR.A Download
File Size   865.36 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators

TPS73001DBVR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS73001DBVR.A Datasheet PDF - Texas Instruments

Part # TPS73001DBVR.A
Download  TPS73001DBVR.A Click to download

File Size   865.36 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators

TPS73001DBVR.A Datasheet (HTML) - Texas Instruments


TPS73001DBVR.A Product details

1 Features
1• 200-mA RF Low-Dropout Regulator
With Enable
• Available in Fixed Voltages from 1.8 V to 3.3 V
and Adjustable Voltages (1.22 V to 5.5 V)
• High PSRR (68 dB at 100 Hz)
• Low Noise (33 μVRMS, TPS73018)
• Fast Start-Up Time (50 μs)
• Stable With a 2.2-μF Ceramic Capacitor
• Excellent Load/Line Transient Response
• Very Low Dropout Voltage (120 mV at 200 mA)
• 5- and 6-Pin SOT-23 (DBV), and Wafer Chip
Scale (YZQ) Packages

2 Applications
• RF: VCOs, Receivers, ADCs
• Audio
• Cellular and Cordless Telephones
• Bluetooth®, Wireless LAN
• Handheld Organizers, PDAs

3 Description
The TPS730 family of low-dropout (LDO) low-power
linear voltage regulators features high power-supply
rejection ratio (PSRR), low noise, fast start-up, and
excellent line and load transient responses in a small
SOT-23 package. NanoStar™ packaging gives an
ultrasmall footprint as well as an ultralow profile and
package weight, making it ideal for portable
applications such as handsets and PDAs. Each
device in the family is stable, with a small, 2.2-μF
ceramic capacitor on the output. The TPS730 family
uses an advanced, proprietary BiCMOS fabrication
process to yield low dropout voltages (for example, 120 mV at 200 mA, TPS73030). Each device
achieves fast start-up times (approximately 50 μs with
a 0.001-μF bypass capacitor) while consuming low
quiescent current (170 μA typical). Moreover, when
the device is placed in standby mode, the supply
current is reduced to less than 1 μA. The TPS73018 exhibits approximately 33 μVRMS of output voltage
noise at 1.8 V output with a 0.01-μF bypass
capacitor. Applications with analog components that
are noise-sensitive, such as portable RF electronics,
benefit from the high PSRR and low-noise features
as well as the fast response time.




Similar Part No. - TPS73001DBVR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73001DBVR.A TI2-TPS73001DBVR.A Datasheet
3Mb / 43P
TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator
REVISED JUNE 2025
More results


Similar Description - TPS73001DBVR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com