Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD740 Datasheet (PDF) - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD740 Datasheet PDF - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Part # XPD740
Download  XPD740 Download
File Size   2434.03 Kbytes
Page   14 Pages
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Description USB Type-C PD and Type-A dual-port controller

XPD740 Datasheet (PDF)

Go To PDF Page Download Datasheet
XPD740 Datasheet PDF - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD740
Download  XPD740 Click to download

File Size   2434.03 Kbytes
Page   14 Pages
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Description USB Type-C PD and Type-A dual-port controller

XPD740 Datasheet (HTML) - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.


XPD740 Product details

Features
 USB PD 3.0 certified (TID: 3479)
 Supports USB Type-C protocol
- Configured as a DFP (Source)
- Broadcasts 3A/1.5A current
 Supports USB Power Delivery (PD) 2.0 and 3.0, as well as the PPS protocol
- Integrates the complete PD layered communication protocol
- Configurable PDOs: 5V, 9V, 12V, 15V, 20V
- Output power up to 65W
- Configurable APDOs: 5V Prog, 9V Prog, 15V Prog, 20V Prog
 Supports Quick Charge 2.0/3.0/3.0+ protocols
- Supports Xiaomi Charge Turbo 27W protocol
 Supports Huawei FCP/SCP protocols
 Supports Samsung AFC protocol
 Supports USB BC1.2 DCP
 Supports Apple 2.4A charging specification
 Integrated constant voltage (CV) control loop
 Integrated 10mΩ VBUS path power switch
Integrated 10mΩ current sense resistor Built-in dual VPWR and VBUS discharge paths Supports line loss compensation Supports USB Type-A and Type-C dual-port operation - Fast charging when operating independently, and simultaneously returns to 5V - Even when the Type-A port is connected to an Apple charging cable but not an iPhone, the Type-C port still fast charges. Full charge shutdown current threshold of 10mA for the Type-A port, allowing for low-current charging Safety
Overvoltage/undervoltage protection Overcurrent protection Overtemperature protection CC1/CC2/DP/DM overvoltage protection ESD characteristics ±4kV Available in TSSOP-16 package

Applications:
AC-DC adapters
USB charging devices




Similar Part No. - XPD740

ManufacturerPart #DatasheetDescription
logo
SHEN ZHEN FINE MADE ELE...
XPD701 SUPERCHIP-XPD701 Datasheet
2Mb / 15P
Supports XPD-LINK™ interconnect USB single-port controller
Version 1.7
XPD701D3517A SUPERCHIP-XPD701D3517A Datasheet
2Mb / 15P
Supports XPD-LINK™ interconnect USB single-port controller
Version 1.7
XPD701DP10065 SUPERCHIP-XPD701DP10065 Datasheet
2Mb / 15P
Supports XPD-LINK™ interconnect USB single-port controller
Version 1.7
XPD701DPS4525 SUPERCHIP-XPD701DPS4525 Datasheet
2Mb / 15P
Supports XPD-LINK™ interconnect USB single-port controller
Version 1.7
XPD702 SUPERCHIP-XPD702 Datasheet
2Mb / 15P
Supports XPD-LINK™ interconnect USB single-port controller
Version 1.7
More results


Similar Description - XPD740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15200 ONSEMI-FUSB15200 Datasheet
264Kb / 23P
Dual Port USB Type-C & PD Controller for Sink and DRP Applications
March, 2022 - Rev. 0
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com