Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT2650STE Datasheet (PDF) - Silicon Content Technology

SCT2650STE Datasheet PDF - Silicon Content Technology
Part # SCT2650STE
Download  SCT2650STE Download
File Size   1902.6 Kbytes
Page   23 Pages
Manufacturer  SCT [Silicon Content Technology]
Direct Link  https://www.silicontent.com/
Logo SCT - Silicon Content Technology
Description 4.5V-60V Vin, 5A, High Efficiency Step-down DCDC Converter with Programmable Frequency

SCT2650STE Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT2650STE Datasheet PDF - Silicon Content Technology

Part # SCT2650STE
Download  SCT2650STE Click to download

File Size   1902.6 Kbytes
Page   23 Pages
Manufacturer  SCT [Silicon Content Technology]
Direct Link  https://www.silicontent.com/
Logo SCT - Silicon Content Technology
Description 4.5V-60V Vin, 5A, High Efficiency Step-down DCDC Converter with Programmable Frequency

SCT2650STE Datasheet (HTML) - Silicon Content Technology


SCT2650STE Product details

FEATURES
 Wide Input Range: 4.5V-60V
 Up to 5A Continuous Output Current
 0.8V ±1% Feedback Reference Voltage
 Integrated 80mΩ High-Side MOSFET
 Low Quiescent Current: 175uA
 Pulse Skipping Mode (PSM) in light load
 130ns Minimum On-time
 4ms Internal Soft-start Time
 Adjustable Frequency 100KHz to 1.2MHz
 External Clock Synchronization
 Precision Enable Threshold for Programmable
Input Voltage Under-Voltage Lock Out Protection
(UVLO) Threshold and Hysteresis
 Low Dropout Mode Operation
 Derivable Inverting Voltage Regulator
 Over-voltage and Over-Temperature Protection
 Available in an ESOP-8 Package

APPLICATIONS
 12-V, 24-V, 48-V Industry and Telecom Power
System
 Industrial Automation and Motor Control
 Vehicle Accessories

DESCRIPTION
The SCT2650 is 5A buck converter with wide input
voltage, ranging from 4.5V to 60V, which integrates an
80mΩ high-side MOSFET. The SCT2650, adopting the
peak current mode control, supports the Pulse Skipping
Modulation (PSM) which assists the converter on
achieving high efficiency at light load or standby
condition.
The SCT2650 features programmable switching
frequency from 100kHz to 1.2MHz with an external
resistor, which provides the flexibility to optimize either
efficiency or external component size. The converter
supports external clock synchronization with a
frequency band from 100kHz to 1.2MHz. The SCT2650
allows power conversion from high input voltage to low
output voltage with a minimum 130ns on-time of highside MOSFET.
The device offers fixed 4ms soft start to prevent inrush
current during the startup of output voltage ramping.
The SCT2650 features external loop compensation to
provide the flexibility to optimize either loop stability or
loop response.
The SCT2650 provides cycle-by-cycle current limit,
thermal shutdown protection, output over-voltage
protection and input voltage under-voltage protection.
The device is available in an 8-pin ESOP-8 package.




Similar Part No. - SCT2650STE

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCT205K122D3B25-F CDE-SCT205K122D3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
SCT205K162D3B25-F CDE-SCT205K162D3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
SCT205K601A3B25-F CDE-SCT205K601A3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
logo
Rohm
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
N-channel SiC power MOSFET
SCT2080KEHR ROHM-SCT2080KEHR Datasheet
1Mb / 13P
Automotive Grade N-channel SiC power MOSFET
28.Mar.2019 - Rev.002
More results


Similar Description - SCT2650STE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Maxim Integrated Produc...
MAX17572 MAXIM-MAX17572 Datasheet
936Kb / 16P
4.5V–60V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 9/16
logo
Monolithic Power System...
MP4575 MPS-MP4575 Datasheet
1Mb / 22P
5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
logo
Maxim Integrated Produc...
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17505 MAXIM-MAX17505_V01 Datasheet
1Mb / 26P
4.5V-60V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2017
MAX17503 MAXIM-MAX17503_V01 Datasheet
5Mb / 27P
4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17506 MAXIM-MAX17506_V01 Datasheet
739Kb / 20P
4.5V??0V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com