Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22908 Datasheet (PDF) - Texas Instruments

TPS22908 Datasheet PDF - Texas Instruments
Part # TPS22908
Download  TPS22908 Download
File Size   643.4 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22908 3.6-V, 1-A, 28-mΩ On-Resistance Load Switch with Controlled Rise Time

TPS22908 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22908 Datasheet PDF - Texas Instruments

Part # TPS22908
Download  TPS22908 Click to download

File Size   643.4 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22908 3.6-V, 1-A, 28-mΩ On-Resistance Load Switch with Controlled Rise Time

TPS22908 Datasheet (HTML) - Texas Instruments


TPS22908 Product details

1 Features
1• Integrated P-Channel Load Switch
• Input Voltage: 1 V to 3.6 V
• 1 A Maximum Continuous Switch Current
• On-Resistance (Typical Values)
– RON = 28 mΩ at VIN = 3.6 V
– RON = 33 mΩ at VIN = 2.5 V
– RON = 42 mΩ at VIN = 1.8 V
– RON = 70 mΩ at VIN = 1.2 V
• Maximum Quiescent Current = 1 μA
• Maximum Shutdown Current = 1 μA
• Low Control Input Thresholds Enable Use of 1.2-
V, 1.8-V, 2.5-V, and 3.3-V Logic
• Controlled Slew Rate to Avoid Inrush Currents
– tR = 105 μs at VIN = 3.6V
• Four Terminal Wafer-Chip-Scale Package
(WCSP)
– Nominal Dimensions - See Addendum for
Details
– 0.9 mm × 0.9 mm, 0.5-mm Pitch, 0.6-mm
Height
• Quick Output Discharge (QOD)

2 Applications
• Battery Powered Equipment
• Portable Industrial Equipment
• Portable Medical Equipment
• Portable Media Players
• Point of Sale Terminal
• GPS Devices
• Digital Cameras
• Portable Instrumentation
• Smartphones and Tablets

3 Description
The TPS22908 is a small, low RON load switch with
controlled turn on. The device contains a P-channel
MOSFET that operates over an input voltage range of
1 V to 3.6 V. The switch is controlled by an on/off
input (ON), which is capable of interfacing directly
with low-voltage control signals.
The TPS22908 is available in a space-saving 4-
terminal WCSP with 0.5 mm pitch (YZT). The device
is characterized for operation over the free-air temperature range of –40°C to 85°C.




Similar Part No. - TPS22908

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22908 TI1-TPS22908 Datasheet
693Kb / 19P
Ultra Small, Low-Input Voltage, Low RON Load Switch
TPS22908YZTR TI1-TPS22908YZTR Datasheet
693Kb / 19P
Ultra Small, Low-Input Voltage, Low RON Load Switch
TPS22908YZTT TI1-TPS22908YZTT Datasheet
693Kb / 19P
Ultra Small, Low-Input Voltage, Low RON Load Switch
More results


Similar Description - TPS22908

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22919 TI1-TPS22919 Datasheet
798Kb / 17P
5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch with Controlled Rise Time
TPS22919 TI1-TPS22919_19 Datasheet
1Mb / 25P
5.5 V, 1.5 A, 90-m廓 Self-protected load switch with controlled rise time
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com