Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40060PWP Datasheet (PDF) - Texas Instruments

TPS40060PWP Datasheet PDF - Texas Instruments
Part # TPS40060PWP
Download  TPS40060PWP Download
File Size   964.26 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER

TPS40060PWP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40060PWP Datasheet PDF - Texas Instruments

Part # TPS40060PWP
Download  TPS40060PWP Click to download

File Size   964.26 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER

TPS40060PWP Datasheet (HTML) - Texas Instruments


TPS40060PWP Product details

1FEATURES
2• Operating Input Voltage 10 V to 55 V
• Input Voltage Feed-Forward Compensation
• < 1% Internal 0.7-V Reference
• Programmable Fixed-Frequency, Up to 1-MHz
Voltage Mode Controller
• Internal Gate Drive Outputs for High-Side P-
Channel and Synchronous N-Channel
MOSFETs
• 16-Pin PowerPAD™ Package (θ JC = 2°C/W)
• Thermal Shutdown
• Externally Synchronizable
• Programmable High-Side Sense Short Circuit
Protection
• Programmable Closed-Loop Soft-Start
• TPS40060 Source Only/TPS40061 Source/Sink

APPLICATIONS
• Networking Equipment
• Telecom Equipment
• Base Stations
• Servers

DESCRIPTION
The TPS40060 and TPS40061 are high-voltage, wide
input (10 V to 55 V) synchronous, step-down
converters.
This family of devices offers design flexibility with a
variety of user programmable functions, including;
soft-start, UVLO, operating frequency, voltage feed-
forward, high-side current limit, and loop
compensation. These devices are also
synchronizable to an external supply.
The TPS40060 and TPS40061 incorporate MOSFET
gate drivers for external P-channel high-side and Nchannel
synchronous rectifier (SR) MOSFETs. Gate
drive logic incorporates anti-cross conduction circuitry
to prevent simultaneous high-side and synchronous
rectifier conduction.




Similar Part No. - TPS40060PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40060PWP TI-TPS40060PWP Datasheet
373Kb / 28P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWP TI1-TPS40060PWP Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWP TI1-TPS40060PWP Datasheet
1Mb / 39P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWPG4 TI1-TPS40060PWPG4 Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWPG4 TI1-TPS40060PWPG4 Datasheet
1Mb / 39P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - TPS40060PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_12 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com