Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200MDREP.A Datasheet (PDF) - Texas Instruments

TPS40200MDREP.A Datasheet PDF - Texas Instruments
Part # TPS40200MDREP.A
Download  TPS40200MDREP.A Download
File Size   898.73 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER

TPS40200MDREP.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40200MDREP.A Datasheet PDF - Texas Instruments

Part # TPS40200MDREP.A
Download  TPS40200MDREP.A Click to download

File Size   898.73 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER

TPS40200MDREP.A Datasheet (HTML) - Texas Instruments


TPS40200MDREP.A Product details

1FEATURES
• Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
• Extended Temperature Performance of –55°C
to 125°C
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
• Input Voltage Range 4.5 V to 52 V
• Output Voltage (700 mV to 87% Vin)
• 200-mA Internal P-Channel FET Driver
(1) Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST, electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
• Voltage Feed-Forward Compensation
• Undervoltage Lockout
• Programmable Fixed-Frequency (35 kHz to 500
kHz) Operation
• Programmable Short-Circuit Protection
• Hiccup Overcurrent Fault Recovery
• Programmable Closed-Loop Soft Start
• 700-mV 1% Reference Voltage
• External Synchronization
• Small 8-Pin Small-Outline Integrated Circuit
(SOIC) (D) Package

APPLICATIONS
• Industrial Control
• Distributed Power Systems
• DSL/Cable Modems
• Scanners
• Telecom

DESCRIPTION
The TPS40200 is a flexible nonsynchronous controller with a built-in 200-mA driver for P-channel FETs. The
circuit operates with inputs up to 52 V, with a power-saving feature that turns off driver current once the external
FET has been fully turned on. This feature extends the flexibility of the device, allowing it to operate with an input
voltage up to 52 V, without dissipating excessive power. The circuit operates with voltage-mode feedback and
has feed-forward input-voltage compensation that responds instantly to input-voltage change. The integral 700-
mV reference is trimmed to 2%, providing the means to accurately control low voltages. The TPS40200 is
available in an 8-pin SOIC, and supports many of the features of more complex controllers. Clock frequency, soft
start, and overcurrent limit each are easily programmed by a single, external component. The part has
undervoltage lockout, and can be easily synchronized to other controllers or a system clock to satisfy sequencing
and/or noise-reduction requirements.




Similar Part No. - TPS40200MDREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200MDREP TI-TPS40200MDREP Datasheet
892Kb / 39P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200MDREP TI-TPS40200MDREP Datasheet
1,023Kb / 41P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200MDREPG4 TI-TPS40200MDREPG4 Datasheet
1,023Kb / 41P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results


Similar Description - TPS40200MDREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
Wide Input Range Non-Synchronous Voltage Mode Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com