Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51317 Datasheet (PDF) - Texas Instruments

TPS51317 Datasheet PDF - Texas Instruments
Part # TPS51317
Download  TPS51317 Download
File Size   834.81 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V/5-V Input, 6-A, D-CAP™ Mode Synchronous Step-Down Integrated FETs Converter

TPS51317 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51317 Datasheet PDF - Texas Instruments

Part # TPS51317
Download  TPS51317 Click to download

File Size   834.81 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V/5-V Input, 6-A, D-CAP™ Mode Synchronous Step-Down Integrated FETs Converter

TPS51317 Datasheet (HTML) - Texas Instruments


TPS51317 Product details

1FEATURES
2• Integrated FETs Converter w/TI Proprietary
D-CAP+™ Mode Architecture
• Minimum External Components Count
• Support all MLCC Output Capacitor and
SP/POSCAP
• Auto-Skip Mode and Ripple Reduction Mode
• Optimized Efficiency at Light and Heavy Loads
• Selectable 800-kHz, 1-MHz, 1.2-MHz and
1.5-MHz Frequency
• Up to 6.0-V Conversion Voltage Range
• Adjustable Output Voltage Range From 0.6 V
to 2 V
• Small 3.5 mm × 4 mm, 20-Pin QFN Package

APPLICATIONS
• Low-Voltage Applications Stepping Down from
5-V or 3.3-V Rail

DESCRIPTION
The TPS51317 is a fully integrated synchronous buck
regulator employing D-CAP+™ mode architechture. It
is used for 3.3-V and 5-V step-down systems where
space is a consideration, high-performance and
optimized component count are required. The
TPS51317 features four switching frequency settings
(up to 1.5 MHz), synchronous operation in SKIP,
droop support, external tracking support, pre-bias
startup, output soft discharge, integrated bootstrap
switch, power good function, enable function and
complete protection functions, and both output
ceramic and SP/POS capacitor support. It supports
supply and conversion voltages up to 6.0 V, and
output voltages adjustable from 0.6 V to 2.0V. The
TPS51317 is available in the 3.5 mm × 4 mm 20-pin
QFN package (Green RoHs compliant and Pb free)
and is specified from -40°C to 85°C.




Similar Part No. - TPS51317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51317RGBR TI1-TPS51317RGBR Datasheet
774Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51317RGBT TI1-TPS51317RGBT Datasheet
774Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
More results


Similar Description - TPS51317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com