Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5405DR Datasheet (PDF) - Texas Instruments

TPS5405DR Datasheet PDF - Texas Instruments
Part # TPS5405DR
Download  TPS5405DR Download
File Size   582.49 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET

TPS5405DR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5405DR Datasheet PDF - Texas Instruments

Part # TPS5405DR
Download  TPS5405DR Click to download

File Size   582.49 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET

TPS5405DR Datasheet (HTML) - Texas Instruments


TPS5405DR Product details

1FEATURES
• Fixed 5-V Output
• 6.5-V to 28-V Wide Input Voltage Range
• Up to 2-A Maximum Continuous Output
Loading Current
• Pulse Skipping Mode to Achieve High Light
Load Efficiency
• Over 80% Efficiency at 10-mA Loading
• Adjustable 50-kHz to 1.1-MHz Switching
Frequency Set by an External Resistor
(Leave pin ROSC floating. Set frequency to
120 kHz)
• Peak Current-Mode Control
• Cycle-by-Cycle Over Current Protection
• Switching Node Anti-Ringing to Ease EMI
Issue
• External Soft Start
• Available in SOIC8 Package

APPLICATIONS
• 9-V, 12-V and 24-V Distributed Power Systems
• Consumer Applications Such as Home
Appliances, Set-Top Boxes, CPE Equipment,
LCD Displays, Peripherals, and Battery
Chargers
• Industrial and Car Entertainment Power
Supplies

DESCRIPTION
The TPS5405 is a monolithic non-synchronous buck regulator with wide operating input voltage range from 6.5 V
to 28 V. Current mode control with internal slope compensation is implemented to reduce component count.
TPS5405 also features a light load pulse skipping mode, which allows for a power loss reduction from the input
power supply to the system at light loading.
The switching frequency of the converters can be set from 50 kHz to 1.1 MHz with an external resistor.
Frequency spread spectrum operation is introduced for EMI reduction.
LX anti-ringing is added to address high frequency EMI issues.
A cycle-by-cycle current limit with frequency fold back protects the IC at over loading condition.




Similar Part No. - TPS5405DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5405DR TI1-TPS5405DR Datasheet
719Kb / 18P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405DR TI2-TPS5405DR Datasheet
591Kb / 20P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
REVISED APRIL 2013
TPS5405DR.A TI2-TPS5405DR.A Datasheet
591Kb / 20P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
REVISED APRIL 2013
TPS5405DR.B TI2-TPS5405DR.B Datasheet
591Kb / 20P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
REVISED APRIL 2013
TPS5405DRG4 TI2-TPS5405DRG4 Datasheet
591Kb / 20P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
REVISED APRIL 2013
More results


Similar Description - TPS5405DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI1-TPS5405 Datasheet
719Kb / 18P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5402 TI-TPS5402 Datasheet
942Kb / 18P
3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com