Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5602IDBT Datasheet (PDF) - Texas Instruments

TPS5602IDBT Datasheet PDF - Texas Instruments
Part # TPS5602IDBT
Download  TPS5602IDBT Download
File Size   848.09 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER

TPS5602IDBT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5602IDBT Datasheet PDF - Texas Instruments

Part # TPS5602IDBT
Download  TPS5602IDBT Click to download

File Size   848.09 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER

TPS5602IDBT Datasheet (HTML) - Texas Instruments


TPS5602IDBT Product details

Independent Dual Channels
Hysteretic Control for Fast Transient
Response
4.5-V to 25-V Input Voltage Range
Adjustable Output Voltage Down to 1.2 V
Synchronous Rectifier Enables Efficiencies
of >95%
Minimized External Component Count
Separate Standby Control and Over Current
Protection
Low Supply Current . . . 0.8 mA Typ
30-Pin TSSOP
Low Standby Current (1-μA maximum)
EVM Available (TPS5602EVM-121)

description
The TPS5602 is a dual-channel synchronous
buck switch-mode power supply controller
featuring very fast feedback control and minimized component count. By using the hysteretic control method,
it is ideal for high-transient current applications, such as ’C6000 and multiple ’C54x DSPs. The TPS5602 is
designed specifically for DSP applications that require high efficiency. Since both channels are independent,
the up and down power sequencing can be easily achieved by properly setting the standby pins. The wide input
voltage and adjustable output voltage make the TPS5602 suitable for many applications.




Similar Part No. - TPS5602IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS5602IDBTG4 TI1-TPS5602IDBTG4 Datasheet
954Kb / 27P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS5602IDBTR TI1-TPS5602IDBTR Datasheet
954Kb / 27P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS5602IDBTRG4 TI1-TPS5602IDBTRG4 Datasheet
954Kb / 27P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
More results


Similar Description - TPS5602IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS56100 TI-TPS56100 Datasheet
370Kb / 27P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
logo
Fairchild Semiconductor
FAN5038 FAIRCHILD-FAN5038 Datasheet
84Kb / 15P
Dual Voltage Controller for DSP Power
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
High Efficiency Dual Output Power Supply Controller
4/04-Data Sheet changed from Rev. 0 to Rev. A
logo
Texas Instruments
TPS5102 TI1-TPS5102_08 Datasheet
1Mb / 34P
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
logo
Analog Devices
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
Texas Instruments
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com