Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW,118 Datasheet (PDF) - NXP Semiconductors

PCA9544APW,118 Datasheet PDF - NXP Semiconductors
Part # PCA9544APW,118
Download  PCA9544APW,118 Download
File Size   276.52 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-channel I2C-bus multiplexer with interrupt logic

PCA9544APW,118 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9544APW,118 Datasheet PDF - NXP Semiconductors

Part # PCA9544APW,118
Download  PCA9544APW,118 Click to download

File Size   276.52 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-channel I2C-bus multiplexer with interrupt logic

PCA9544APW,118 Datasheet (HTML) - NXP Semiconductors


PCA9544APW,118 Product details

General description
The PCA9544A is a 1-of-4 bidirectional translating multiplexer, controlled via the I2C-bus.
The SCL/SDA upstream pair fans out to four SCx/SDx downstream pairs, or channels.
Only one SCx/SDx channel is selected at a time, determined by the contents of the
programmable control register. Four interrupt inputs, INT0 to INT3, one for each of the
SCx/SDx downstream pairs, are provided. One interrupt output, INT, which acts as an
AND of the four interrupt inputs, is provided.
A power-on reset function puts the registers in their default state and initializes the I2C-bus
state machine with no channels selected.
The pass gates of the multiplexer are constructed such that the VDD pin can be used to
limit the maximum high voltage which is passed by the PCA9544A. This allows the use of
different bus voltages on each SCx/SDx pair, so that 1.8 V, 2.5 V or 3.3 V parts can
communicate with 5 V parts without any additional protection. External pull-up resistors
pull the bus up to the desired voltage level for each channel. All I/O pins are 5 V tolerant.

Features and benefits
 1-of-4 bidirectional translating multiplexer
 I
2C-bus interface logic; compatible with SMBus
 4 active LOW interrupt inputs
 Active LOW interrupt output
 3 address pins allowing up to 8 devices on the I2C-bus
 Channel selection via I2C-bus
 Power-up with all multiplexer channels deselected
 Low Ron switches
 Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
 No glitch on power-up
 Supports hot insertion
 Low standby current
 Operating power supply voltage range of 2.3 V to 5.5 V
 5 V tolerant Inputs
 0 Hz to 400 kHz clock frequency
 ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
 Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
 Three packages offered: SO20, TSSOP20 and HVQFN20




Similar Part No. - PCA9544APW,118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544APW TI-PCA9544APW Datasheet
578Kb / 23P
4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544APW PHILIPS-PCA9544APW Datasheet
149Kb / 18P
4-channel IC multiplexer with interrupt logic
2004 Sep 29
logo
Texas Instruments
PCA9544APW TI-PCA9544APW Datasheet
823Kb / 27P
4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544APW NXP-PCA9544APW Datasheet
143Kb / 27P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544APW NXP-PCA9544APW Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
More results


Similar Description - PCA9544APW,118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
4-channel IC multiplexer with interrupt logic
2004 Sep 29
logo
Texas Instruments
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com