Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M51994FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M51994FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M51994FP
Download  M51994FP Download
File Size   917.76 Kbytes
Page   14 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2-OUTPUT TYPE SWITCHING REGULATOR CONTROL

M51994FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M51994FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M51994FP
Download  M51994FP Click to download

File Size   917.76 Kbytes
Page   14 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2-OUTPUT TYPE SWITCHING REGULATOR CONTROL

M51994FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M51994FP Product details

DESCRIPTION
M51994 is a semiconductor integrated circuit designed for
controlling primary-control two-output switching regulators
and it is best suitable for obtaining DC stabilized voltage from
the commercial power supply.
This provides fast rise/fall time of the output voltage as
well as output current, allowing the direct driving of the
MOSFEТ.
This also provides fast rise/fall time on output pulses and
it equips a high-speed and highly-sensitive current limit circuit,
therefore, you can create really high-speed switching regulators
using the device.
Since it contains a timer type protection circuit, the protection in case of any excess output current (i.e. due to a
short-circuit) can be done easily only by adding few parts to
the primary side.

FEATURES
Uses a pulse-by-pulse current limiting method (CLM-pin)
which minimizes required peripheral circuits.
Supports the protection for excess output current
Timer-type protection circuit
Uses a deforming totempole output method which require
small through current.
Supports 2-output drive functions using a steering circuit.
(Applicable for push-pull, half-bridge, and full-bridge
circuits)
Supports the OVP function which keeps the power OFF
status once a signal is input.
Small pre-operation current 110µA (Standard)
Output rise time = 60ns, Output fall time = 40ns




Similar Part No. - M51994FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51995 MITSUBISHI-M51995 Datasheet
461Kb / 27P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
M51995AFP RENESAS-M51995AFP Datasheet
11Mb / 28P
SWITCHING REGULATOR CONTROL
M51995AFP RENESAS-M51995AFP Datasheet
457Kb / 43P
Switching Regulator Control
M51995AFP RENESAS-M51995AFP Datasheet
435Kb / 41P
Switching Regulator Control
Rev.2.01 Nov 14, 2007
More results


Similar Description - M51994FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51995AP MITSUBISHI-M51995AP Datasheet
461Kb / 27P
SWITCHING REGULATOR CONTROL
M51996AP MITSUBISHI-M51996AP Datasheet
366Kb / 22P
SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
SWITCHING REGULATOR CONTROL?
logo
Sanyo Semicon Device
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (180W Output)
STK73904 SANYO-STK73904 Datasheet
121Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (210W Output)
logo
Mitsubishi Electric Sem...
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
SWITCHING REGULATOR CONTROL
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
Switching Regulator Control
logo
Inchange Semiconductor ...
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
Self-excitation Type Feedback Control Switching Regulator
logo
Renesas Technology Corp
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
Switching Regulator Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com