Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34152D Datasheet (PDF) - Motorola, Inc

MC34152D Datasheet PDF - Motorola, Inc
Part # MC34152D
Download  MC34152D Download
File Size   255.57 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High Speed Dual MOSFET Drivers

MC34152D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34152D Datasheet PDF - Motorola, Inc

Part # MC34152D
Download  MC34152D Click to download

File Size   255.57 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High Speed Dual MOSFET Drivers

MC34152D Datasheet (HTML) - Motorola, Inc


MC34152D Product details


The MC34152/MC33152 are dual noninverting high speed drivers
specifically designed for applications that require low current digital signals to
drive large capacitive loads with high slew rates. These devices feature low
input current making them CMOS/LSTTL logic compatible, input hysteresis
for fast output switching that is independent of input transition time, and two
high current totem pole outputs ideally suited for driving power MOSFETs.
Also included is an undervoltage lockout with hysteresis to prevent system
erratic operation at low supply voltages.
Typical applications include switching power supplies, dc–to–dc
converters, capacitor charge pump voltage doublers/inverters, and motor
controllers.
This device is available in dual–in–line and surface mount packages.
• Two Independent Channels with 1.5 A Totem Pole Outputs
• Output Rise and Fall Times of 15 ns with 1000 pF Load
• CMOS/LSTTL Compatible Inputs with Hysteresis
• Undervoltage Lockout with Hysteresis
• Low Standby Current
• Efficient High Frequency Operation
• Enhanced System Performance with Common Switching Regulator
Control




Similar Part No. - MC34152D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152D ONSEMI-MC34152D Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152DG ONSEMI-MC34152DG Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152DG ONSEMI-MC34152DG Datasheet
228Kb / 12P
High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34152DG ONSEMI-MC34152DG Datasheet
176Kb / 12P
High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
MC34152DR2 ONSEMI-MC34152DR2 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results


Similar Description - MC34152D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com