Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JT816 Datasheet (PDF) - JIEJIE MICROELECTRONICS CO.,Ltd

JT816 Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd
Part # JT816
Download  JT816 Download
File Size   381.13 Kbytes
Page   6 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 16A SCRs

JT816 Datasheet (PDF)

Go To PDF Page Download Datasheet
JT816 Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JT816
Download  JT816 Click to download

File Size   381.13 Kbytes
Page   6 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 16A SCRs

JT816 Datasheet (HTML) - JIEJIE MICROELECTRONICS CO.,Ltd


JT816 Product details

DESCRIPTION:
JCT616/816 series of silicon controlled rectifiers, with
high ability to withstand the shock loading of large
current, provide high dv/dt rate with strong resistance
to electromagnetic interference. They are especially
recommended for use on solid state relay, motorcycle,
power charger, T-tools etc.
JCTx16A provides insulation voltage rated at 2500V
RMS and JCTx16F provides insulation voltage rated at
2000V RMS from all three terminals to external heatsink.
JCTx16A/JCTx16F series comply with UL standards
(File ref: E252906).





Similar Description - JT816

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN16 STMICROELECTRONICS-TN16 Datasheet
92Kb / 7P
16A SCRs
Apr-2002
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Nell Semiconductor Co.,...
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
Stansard SCRs, 16A
16PT NELLSEMI-16PT_14 Datasheet
662Kb / 6P
Stansard SCRs, 16A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
16PT NELLSEMI-16PT Datasheet
661Kb / 6P
Stansard SCRs, 16A
logo
Kersemi Electronic Co.,...
TN1625-600G KERSEMI-TN1625-600G Datasheet
417Kb / 7P
16A SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com